Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79400 Datasheet (PDF) - Sanyo Semicon Device

LC79400 Datasheet PDF - Sanyo Semicon Device
Part # LC79400
Download  LC79400 Download
File Size   180.08 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Dot Matrix LCD Driver

LC79400 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC79400 Datasheet PDF - Sanyo Semicon Device

Part # LC79400
Download  LC79400 Click to download

File Size   180.08 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Dot Matrix LCD Driver

LC79400 Datasheet (HTML) - Sanyo Semicon Device


LC79400 Product details

Overview

The LC79400D is a large-scale dot matrix LCD segment driver LSI. Display data transferred from the controller (4-bit parallel format) is processed through 80-bit latching and a LCD drive signal is generated. The LC79400D can be used in conjunction with common driver LC7943D (QIP80D) as well as LC79430D (QIP100D) and LC79431D (QIP100D) to drive a wide screen LCD panel.



Features

• On-chip LCD drive circuit (80 bits)

• Display duty selection ranging from 1/64 to 1/256

• Supports use of chip disable pin for lower large panel power supply dissipation

• Supports externally supplied bias voltage

• Operating power supply voltage/operating temperature include

   VDD (logic block) : 5 V ±10 % / –20 to +75 °C

   VDD-VEE (LCD block) : 12 V to 32 V / –20 to +75°C

• Data transfer clock provides maximum 3.0 MHz and supports bidirectional shift

• 4-bit parallel data input

• CMOS process

• 100-pin flat plastic package



 




Similar Part No. - LC79400

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
Dot-Matrix LCD Driver
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
Dot-Matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE ONSEMI-LC79401KNE Datasheet
89Kb / 8P
Dot-Matrix LCD Drivers
July, 2013
LC79401KNE-E ONSEMI-LC79401KNE-E Datasheet
89Kb / 8P
Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC7940KD SANYO-LC7940KD Datasheet
112Kb / 13P
CMOS IC Dot-Matrix LCD Drivers
More results


Similar Description - LC79400

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
Dot-Matrix LCD Driver
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
Dot-Matrix LCD Driver
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
Dot-Matrix LCD Driver?
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
Dot Matrix LCD Driver?
LC79431D SANYO-LC79431D Datasheet
96Kb / 5P
Dot Matrix LCD Driver?
LC7943D SANYO-LC7943D Datasheet
88Kb / 4P
Dot Matrix LCD Driver?
logo
Seiko Instruments Inc
S-4525BA SII-S-4525BA Datasheet
1Mb / 22P
DOT MATRIX LCD DRIVER
logo
List of Unclassifed Man...
SED1520D0A ETC-SED1520D0A Datasheet
204Kb / 52P
DOT MATRIX LCD DRIVER
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
DOT MATRIX LCD DRIVER
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
DOT MATRIX LCD DRIVER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com