Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC82102 Datasheet (PDF) - Sanyo Semicon Device

LC82102 Datasheet PDF - Sanyo Semicon Device
Part # LC82102
Download  LC82102 Download
File Size   75.63 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Image-Processing LSI for Fax, Copier and OCR Products

LC82102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC82102 Datasheet PDF - Sanyo Semicon Device

Part # LC82102
Download  LC82102 Click to download

File Size   75.63 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Image-Processing LSI for Fax, Copier and OCR Products

LC82102 Datasheet (HTML) - Sanyo Semicon Device


LC82102 Product details

Overview
The LC82102 and LC82102W convert analog video signals from CCD or contact image sensors to high quality binary video data. The LC82102/W converts the input analog data to multi-valued data and uses two dimensional filtering and an error diffusion technique that produces high-quality images to produce a two-valued image. Finally, the LC82102 reduces the image in the main and subsidiary scan directions. The LC82102 requires absolutely no external memory since it limits the number of pixels processed to 2040 per line. This LSI can implement the image processing used by FAX, copier and OCR products.

Features
• Number of pixels processed: 2040 pixels/line
• Processing speed: 500 ns/pixel maximum (when the CLKIN input frequency is 32 MHz)
• Built-in 8-bit A/D converter (includes a sensor signal delay adjustment function)
• Built-in 6-bit D/A converter for setting the A/D converter high reference potential
• Sensor drive circuit (supports CCD and all CIS types)
• Digital clamp (single-point clamp, even/odd clamp)
• Distortion correction (white correction: 8-pixel averaging correction, black correction: black correction subtraction data setting)
• Gamma correction (supports user-defined curves)
• Simple binary-conversion processing (fixed threshold level, density-adaptive threshold level)
• Intermediate processing error diffusion (64 levels)
• Image reduction (thinning, fine black line retaining, fine white line retaining)
• Single-voltage 5 V supply and low power due to CMOS process fabrication




Similar Part No. - LC82102

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC82101 SANYO-LC82101 Datasheet
76Kb / 5P
Image Processing Circuit for FAX, Copier, and OCR Products
LC82103 SANYO-LC82103 Datasheet
74Kb / 5P
Image-Processing LSI for Facsimile, Copier, and OCR Applications
LC821031 SANYO-LC821031 Datasheet
68Kb / 5P
Image-Processing IC for Facsimile, Copier, and OCR Products
LC82104 SANYO-LC82104 Datasheet
57Kb / 6P
Color Image Processing IC for Fax and Scanner Applications
More results


Similar Description - LC82102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
Image Processing LSI
logo
Sanyo Semicon Device
LC82101 SANYO-LC82101 Datasheet
76Kb / 5P
Image Processing Circuit for FAX, Copier, and OCR Products
LC82103 SANYO-LC82103 Datasheet
74Kb / 5P
Image-Processing LSI for Facsimile, Copier, and OCR Applications
LC821031 SANYO-LC821031 Datasheet
68Kb / 5P
Image-Processing IC for Facsimile, Copier, and OCR Products
LC82104 SANYO-LC82104 Datasheet
57Kb / 6P
Color Image Processing IC for Fax and Scanner Applications
LC8211 SANYO-LC8211 Datasheet
142Kb / 7P
Halftone Processing IC for Fax, Copier and Scanner
LC99062-W50 SANYO-LC99062-W50 Datasheet
184Kb / 7P
Image Sensor Signal Processing LSI?
logo
Rohm
IA2008-MB82A ROHM-IA2008-MB82A Datasheet
56Kb / 4P
Monochrome image sensor heads for FAX
IA2008-MB90A ROHM-IA2008-MB90A Datasheet
53Kb / 4P
Monochrome image sensor heads for FAX
logo
Toshiba Semiconductor
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
2048-elements, for optical character reader(OCR) and fax machines
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com