Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R064D Datasheet (PDF) - Holtek Semiconductor Inc

HT46R064D Datasheet PDF - Holtek Semiconductor Inc
Part # HT46R064D
Download  HT46R064D Download
File Size   777.26 Kbytes
Page   114 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced A/D Type MCU with High Current LED Driver

HT46R064D Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46R064D Datasheet PDF - Holtek Semiconductor Inc

Part # HT46R064D
Download  HT46R064D Click to download

File Size   777.26 Kbytes
Page   114 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced A/D Type MCU with High Current LED Driver

HT46R064D Datasheet (HTML) - Holtek Semiconductor Inc


HT46R064D Product details

General Description

The Enhanced A/D MCUs are a series of 8-bit high performance, RISC architecture microcontrollers specifically designed for a wide range of applications. The usual Holtek microcontroller features of low power consumption, I/O flexibility, timer functions, oscillator options, power down and wake-up functions, watchdog timer and low voltage reset, combine to provide devices with a huge range of functional options while still maintaining a high level of cost effectiveness. In addition, these devices



Features

 CPU Features

  · Operating voltage:

     fSYS = 4MHz: 2.2V~5.5V

     fSYS = 8MHz: 3.3V~5.5V

     fSYS = 12MHz: 4.5V~5.5V

  · Up to 0.33ms instruction cycle with 12MHz system clock at VDD= 5V

  · Oscillator types:

     External high freuency Crystal -- HXT

     External RC -- ERC

     Internal RC -- HIRC

     External low frequency crystal -- LXT

  · Three operational modes: Normal, Slow, Sleep

  · Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components

  · Watchdog Timer function

  · LIRC oscillator function for watchdog timer

  · All instructions executed in one or two instruction cycles

  · Table read instructions

  · 63 powerful instructions

  · Up to 6-level subroutine nesting

  · Bit manipulation instruction

  · Low voltage reset function

  · Wide range of available package types



 Peripheral Features

  · Up to 26 bidirectional I/O lines

  · Up to 8 channel 12-bit ADC

  · Up to 2 channel 8-bit PWM

  · Software controlled 4-SCOM lines LCD driver with 1/2 bias

  · External interrupt input shared with an I/O line

  · Up to two 8-bit programmable Timer/Event Counter with overflow interrupt and prescaler

  · Time-Base function

  · Programmable Frequency Divider -- PFD

  · 8x8 LED driving capability




Similar Part No. - HT46R064D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
Enhanced A/D Type 8-Bit OTP MCU
January 22, 2013
HT46R064B HOLTEK-HT46R064B Datasheet
550Kb / 96P
Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
Enhanced A/D Type 8-Bit OTP MCU
October 23, 2012
HT46R064G HOLTEK-HT46R064G Datasheet
787Kb / 136P
Enhanced A/D Type 8-Bit OTP MCU with OPA
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
Enhanced A/D Type 8-Bit OTP MCU
October 23, 2012
More results


Similar Description - HT46R064D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
June 4, 2010
HT48R064D HOLTEK-HT48R064D Datasheet
557Kb / 100P
Enhanced I/O Type MCU with High Current LED Driver
HT66F13 HOLTEK-HT66F13 Datasheet
2Mb / 173P
Enhanced A/D Flash Type MCU
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
March 15, 2011
HT46R92 HOLTEK-HT46R92 Datasheet
494Kb / 61P
A/D Type 8-Bit MCU with 1616 High Current LED Driver
HT46R94 HOLTEK-HT46R94 Datasheet
508Kb / 62P
A/D Type 8-Bit MCU with 1616 High Current LED Driver
BS66F340 HOLTEK-BS66F340 Datasheet
7Mb / 256P
Enhanced Touch A/D Flash MCU with LED Driver
December 15, 2016
BS67F340 HOLTEK-BS67F340 Datasheet
7Mb / 281P
Enhanced Touch A/D Flash MCU with LCD Driver
December 15, 2016
HT66F317 HOLTEK-HT66F317 Datasheet
7Mb / 198P
Enhanced A/D MCU with LCD Driver
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com