Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC83025 Datasheet (PDF) - Sanyo Semicon Device

LC83025 Datasheet PDF - Sanyo Semicon Device
Part # LC83025
Download  LC83025 Download
File Size   262.64 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Signal Processor for Karaoke Products

LC83025 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC83025 Datasheet PDF - Sanyo Semicon Device

Part # LC83025
Download  LC83025 Click to download

File Size   262.64 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Signal Processor for Karaoke Products

LC83025 Datasheet (HTML) - Sanyo Semicon Device


LC83025 Product details

Overview
The LC83025E is a special-purpose karaoke DSP that implements the signal processing required by karaoke systems, including pitch shift, microphone echo, voice muting and simple surround, with only a single 256Kb external DRAM.

Features
• Applications
    — Pitch shift
        The LC83025E can shift the music pitch or the microphone pitch by ±15 steps in 1/4 interval steps, or ±1 octave in scale tone steps according to command data sent from the microcontroller.
        Furthermore, the pitch can be changed up to ±1 octave in arbitrary steps by setting internal coefficients.
    — Microphone echo
        The LC83025E implements echo processing for the signal input from the microphone A/D converter.
        The amount of echo, the delay time and other parameters can be changed by setting coefficients.
    — Voice mute
        The LC83025E implements processing that removes monaural signal components included in the music signal. This allows CDs with vocals to be used as karaoke CDs. Command data is used to turn the voice mute function on or off.
    — Simple surround
        The LC83025E implements a simple surround function by adding delayed components to the music signal. The LC83025E includes six sets of simple surround coefficients as built-in preset data. These values can be switched by sending command data. Applications can implement their own original surround effects by setting the coefficients. However, the algorithm itself is fixed.
    — Flexible input mixing
        The LC83025E supports hybrid mixing of digital and analog left and right channel song inputs, and thus can handle a wide range of disk processing configurations.
• Audio inputs and outputs
    — Inputs: Digital - One system (stereo) A/D converter - Three channels
    — Outputs: Digital - One system (stereo) D/A converter - Two channels
    — A/D converter Second order ∆∑ modulation - Three channels
    — D/A converter  4× oversampling digital filters plus second order noise shaper plus 5-bit PWM system - Two channels
• Master clock: 768 fs
• External memory: Up to two 256K (64K × 4-bit) DRAMs can be used
• Microcontroller input: Synchronous 8-bit serial data
• Supply voltage: 5 V single-voltage
• Package: QFP80E




Similar Part No. - LC83025

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
Digital Signal Processor for Karaoke Systems
More results


Similar Description - LC83025

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU25102 NJRC-NJU25102 Datasheet
1Mb / 39P
Digital Karaoke Audio Processor
logo
Samsung semiconductor
KS9286B SAMSUNG-KS9286B Datasheet
298Kb / 35P
DIGITAL SIGNAL PROCESSOR for CDP
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
Digital Signal Processor for Karaoke Systems
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
Single-Chip Digital Signal Processor for Karaoke
CXD2721Q-1 SONY-CXD2721Q-1 Datasheet
941Kb / 70P
Single-Chip Digital Signal Processor for Karaoke
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
Karaoke Processor 2 for Video disc player
logo
List of Unclassifed Man...
YSS205B ETC-YSS205B Datasheet
899Kb / 7P
KARAOKE PROCESSOR
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
DIGITAL SIGNAL PROCESSOR FOR DISCMAN
logo
New Japan Radio
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
Digital Signal Processor for TV
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com