Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZT7090LE Datasheet (PDF) - Central Semiconductor Corp

CZT7090LE Datasheet PDF - Central Semiconductor Corp
Part # CZT7090LE
Download  CZT7090LE Download
File Size   542.14 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description ENHANCED SPECIFICATION SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTOR

CZT7090LE Datasheet (PDF)

Go To PDF Page Download Datasheet
CZT7090LE Datasheet PDF - Central Semiconductor Corp

Part # CZT7090LE
Download  CZT7090LE Click to download

File Size   542.14 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description ENHANCED SPECIFICATION SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTOR

CZT7090LE Datasheet (HTML) - Central Semiconductor Corp


CZT7090LE Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT7090LE is an Enhanced Specification Low VCE(SAT) PNP silicon power transistor packaged in an industry standard SOT-223 case. High collector current, coupled with a low saturation voltage, make this an excellent choice for industrial and consumer applications where electrical and thermal operational efficiency are top priorities.

MARKING: FULL PART NUMBER

FEATURES:
• Low VCE(SAT) PNP Transistor
• High Current (IC=3.0A MAX)
• VCE(SAT)=0.132V TYP @ IC=2.0A
• SOT-223 Surface Mount Package
• Complementary NPN device: CZT3090LE

APPLICATIONS:
• Power Management / DC-DC Converters
• Portable and Battery Powered Products
• LAN Equipment / Motor Controllers




Similar Part No. - CZT7090LE

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZT7090LE CENTRAL-CZT7090LE_15 Datasheet
542Kb / 2P
SILICON POWER TRANSISTOR
More results


Similar Description - CZT7090LE

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT7090L CENTRAL-CMPT7090L Datasheet
103Kb / 2P
SURFACE MOUNT LOW VCE(SAT) PNP POWER TRANSISTOR
CMXT7090L CENTRAL-CMXT7090L Datasheet
93Kb / 2P
SURFACE MOUNT LOW VCE SAT PNP POWER TRANSISTOR
CXT7090L CENTRAL-CXT7090L Datasheet
110Kb / 2P
SURFACE MOUNT LOW VCE(SAT) PNP POWER TRANSISTOR
CMPT7410 CENTRAL-CMPT7410 Datasheet
116Kb / 2P
SURFACE MOUNT PNP SILICON LOW VCE (SAT) TRANSISTOR
logo
Diodes Incorporated
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31280 Rev. 2 - 2
logo
Central Semiconductor C...
CXT7090L CENTRAL-CXT7090L_10 Datasheet
360Kb / 2P
SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTOR
CZT3090LE CENTRAL-CZT3090LE Datasheet
542Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
CZT7090L CENTRAL-CZT7090L_10 Datasheet
602Kb / 2P
SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTOR
logo
Diodes Incorporated
DJT4030P-13 DIODES-DJT4030P-13 Datasheet
112Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
logo
Central Semiconductor C...
CXT7090L CENTRAL-CXT7090L_15 Datasheet
360Kb / 2P
SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTOR
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com