Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F15 Datasheet (PDF) - Holtek Semiconductor Inc

HT66F15 Datasheet PDF - Holtek Semiconductor Inc
Part # HT66F15
Download  HT66F15 Download
File Size   2642.09 Kbytes
Page   173 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced A/D Flash Type MCU

HT66F15 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT66F15 Datasheet PDF - Holtek Semiconductor Inc

Part # HT66F15
Download  HT66F15 Click to download

File Size   2642.09 Kbytes
Page   173 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced A/D Flash Type MCU

HT66F15 Datasheet (HTML) - Holtek Semiconductor Inc


HT66F15 Product details

General Description

The HT66F1x series of devices are Flash Memory A/D type 8-bit high performance RISC architecture microcontrollers. Offering users the convenience of Flash Memory multi-programming features, these devices also include a wide range of functions and features. Other memory includes an area of RAM Data Memory for application program data storage.

Analog feature includes a multi-channel 12-bit A/D converter. Multiple and extremely flexible Timer Modules provide timing, pulse generation and PWM generation functions. Protective features such as an internal Watchdog Timer, Low Voltage Reset and Low Voltage Detector coupled with excellent noise immunity and ESD protection ensure that reliable operation is maintained in hostile electrical environments.



Features

  CPU Features

     · Operating Voltage:

        fSYS= 8MHz: 2.2V~5.5V

        fSYS= 12MHz: 2.7V~5.5V

        fSYS= 20MHz: 4.5V~5.5V

     · Up to 0.2ms instruction cycle with 20MHz system clock at VDD=5V

     · Power down and wake-up functions to reduce power consumption

     · Four oscillators:

        External Crystal -- HXT

        External RC -- ERC

        Internal RC -- HIRC

        Internal 32kHz RC -- LIRC

     · Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP

     · Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components

     · All instructions executed in one or two instruction cycles

     · Table read instructions

     · 63 powerful instructions

     · Up to 8-level subroutine nesting

     · Bit manipulation instruction

  Peripheral Features

     · Flash Program Memory: 1K´14 ~ 4K´15

     · RAM Data Memory: 64´8 ~ 192´8

     · Watchdog Timer function

     · Up to 26 bidirectional I/O lines

     · Software controlled 4-SCOM lines LCD driver with 1/2 bias

     · Multiple pin-shared external interrupts

     · Multiple Timer Module for time measure, input capture, compare match output, PWM output or single pulse output function

    · Single Time-Base function for generation of fixed time interrupt signal

    · 4 channels 12-bit A/D converter

    · Low voltage reset function

    · Low voltage detect function

    · Wide range of available package types




Similar Part No. - HT66F15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F002 HOLTEK-HT66F002 Datasheet
6Mb / 144P
Cost-Effective A/D Flash MCU with EEPROM
April 11, 2017
HT66F0025 HOLTEK-HT66F0025 Datasheet
6Mb / 144P
Cost-Effective A/D Flash MCU with EEPROM
April 11, 2017
HT66F003 HOLTEK-HT66F003 Datasheet
6Mb / 144P
Cost-Effective A/D Flash MCU with EEPROM
April 11, 2017
HT66F004 HOLTEK-HT66F004 Datasheet
6Mb / 144P
Cost-Effective A/D Flash MCU with EEPROM
April 11, 2017
HT66F0042 HOLTEK-HT66F0042 Datasheet
7Mb / 178P
A/D Flash MCU with EEPROM
December 05, 2016
More results


Similar Description - HT66F15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
February 1, 2010
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
June 4, 2010
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
March 15, 2011
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
October 24, 2011
HT66F20 HOLTEK-HT66F20_13 Datasheet
10Mb / 298P
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
February 18, 2013
HT66F60A HOLTEK-HT66F60A Datasheet
8Mb / 237P
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
March 20, 2013
HT66F0172 HOLTEK-HT66F0172 Datasheet
4Mb / 115P
Enhanced A/D Flash 8-Bit MCU
BS66FV340 HOLTEK-BS66FV340 Datasheet
7Mb / 265P
Enhanced Touch Voice A/D Flash MCU
December 15, 2016
HT66FB30 HOLTEK-HT66FB30_12 Datasheet
240Kb / 26P
Enhanced A/D Flash Type 8-Bit MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com