Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F15 Datasheet (PDF) - Holtek Semiconductor Inc

HT68F15 Datasheet PDF - Holtek Semiconductor Inc
Part # HT68F15
Download  HT68F15 Download
File Size   2609.76 Kbytes
Page   161 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced I/O Flash Type MCU

HT68F15 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT68F15 Datasheet PDF - Holtek Semiconductor Inc

Part # HT68F15
Download  HT68F15 Click to download

File Size   2609.76 Kbytes
Page   161 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced I/O Flash Type MCU

HT68F15 Datasheet (HTML) - Holtek Semiconductor Inc


HT68F15 Product details

General Description

The HT68F1x series of devices are Flash Memory I/O type 8-bit high performance RISC architecture

microcontrollers. Offering users the convenience of Flash Memory multi-programming features, these devices also include a wide range of functions and features. Other memory includes an area of RAM Data Memory for application program data storage.



Features

CPU Features

· Operating Voltage:

     fSYS= 8MHz: 2.2V~5.5V

     fSYS= 12MHz: 2.7V~5.5V

     fSYS= 20MHz: 4.5V~5.5V

· Up to 0.2ms instruction cycle with 20MHz system clock at VDD=5V

· Power down and wake-up functions to reduce power consumption

· Four oscillators:

     External Crystal -- HXT

     External RC -- ERC

     Internal RC -- HIRC

     Internal 32kHz RC -- LIRC

· Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP

· Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components

· All instructions executed in one or two instruction cycles

· Table read instructions

· 63 powerful instructions

· Up to 8-level subroutine nesting

· Bit manipulation instruction



Peripheral Features

· Flash Program Memory: 1K´14 ~ 4K´15

· RAM Data Memory: 64´8 ~ 192´8

· Watchdog Timer function

· Up to 26 bidirectional I/O lines

· Software controlled 4-SCOM lines LCD driver with 1/2 bias

· Multiple pin-shared external interrupts

· Multiple Timer Module for time measure, input capture, compare match output, PWM output or single pulse output function

· Single Time-Base function for generation of fixed time interrupt signal

· Low voltage reset function

· Low voltage detect function

· Wide range of available package types




Similar Part No. - HT68F15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68F001 HOLTEK-HT68F001 Datasheet
5Mb / 55P
Cost-Effective Flash MCU
HT68F002 HOLTEK-HT68F002 Datasheet
6Mb / 119P
Cost-Effective Flash MCU with EEPROM
April 11, 2017
HT68F0025 HOLTEK-HT68F0025 Datasheet
6Mb / 119P
Cost-Effective Flash MCU with EEPROM
April 11, 2017
HT68F003 HOLTEK-HT68F003 Datasheet
6Mb / 119P
Cost-Effective Flash MCU with EEPROM
April 11, 2017
HT68F005 HOLTEK-HT68F005 Datasheet
4Mb / 93P
Enhanced I/O Flash Type MCU
October 22, 2012
More results


Similar Description - HT68F15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48F06E HOLTEK-HT48F06E Datasheet
508Kb / 69P
I/O Flash Type MCU with EEPROM
September 10, 2007
HT48F50E HOLTEK-HT48F50E Datasheet
423Kb / 62P
I/O Flash Type MCU with EEPROM
July 28, 2009
HT48F06E HOLTEK-HT48F06E_09 Datasheet
463Kb / 74P
I/O Flash Type MCU with EEPROM
July 29, 2009
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
February 1, 2010
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT48R064G HOLTEK-HT48R064G Datasheet
731Kb / 126P
Enhanced I/O Type MCU with OPA
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
Enhanced I/O Flash Type MCU with EEPROM
March 15, 2011
HT48R064G HOLTEK-HT48R064G_12 Datasheet
786Kb / 128P
Enhanced I/O Type MCU with OPA
October 23, 2012
HT68F005 HOLTEK-HT68F005 Datasheet
4Mb / 93P
Enhanced I/O Flash Type MCU
October 22, 2012
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com