Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1382 Datasheet (PDF) - Holtek Semiconductor Inc

HT1382 Datasheet PDF - Holtek Semiconductor Inc
Part # HT1382
Download  HT1382 Download
File Size   299.61 Kbytes
Page   29 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description I2C/3-Wire Real Time Clock

HT1382 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1382 Datasheet PDF - Holtek Semiconductor Inc

Part # HT1382
Download  HT1382 Click to download

File Size   299.61 Kbytes
Page   29 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description I2C/3-Wire Real Time Clock

HT1382 Datasheet (HTML) - Holtek Semiconductor Inc


HT1382 Product details

General Description

The HT1382 is a low power real time clock device with two serial interface: I2C or 3-wire. The interface mode is selected by the chosen chip version. The device provides both clock and calendar information in BCD format and also includes alarm functions. The calendar is accurate until the year 2099 and includes automatic leap year correction.



Features

Real Time Clock/Calendar Functions

  - Includes: Sec, Minutes, Hours, Day, Date, Month, and year in BCD format

Clock operating voltage: 2.0V~5.5V

Supply voltage VDD=2.7V~5.5V

Automatic leap year correction, valid until year 2099

Automatic supply switch over

Integrated oscillator load capacitors - CL=12.5pF

Clock compensation

Programmable alarm and interrupt function

15 selectable frequency outputs

4 Bytes EEPROM for user

Serial commutation via I2C or 3-wire interface

8-pin DIP, SOP and MSOP package for I2C interface

10-pin MSOP package for 3-wire interface



Applications

Utility meters

Consumer electronics

Portable equipment

Wireless equipment

POS equipment

Computer products

Other industrial/Medical/Automotive applications




Similar Part No. - HT1382

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1382 HOLTEK-HT1382 Datasheet
306Kb / 29P
I2C/3-Wire Real Time Clock
May 27, 2011
HT1382_1105 HOLTEK-HT1382_1105 Datasheet
306Kb / 29P
I2C/3-Wire Real Time Clock
May 27, 2011
HT1382 HOLTEK-HT1382_14 Datasheet
1Mb / 23P
I2C/3-Wire Real Time Clock
July 24, 2014
More results


Similar Description - HT1382

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
I2C Serial Real-Time Clock
logo
Seiko Instruments Inc
S-35190A SII-S-35190A Datasheet
783Kb / 53P
3-WIRE REAL-TIME CLOCK
S-35192A SII-S-35192A Datasheet
680Kb / 41P
3-WIRE REAL-TIME CLOCK
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
3-WIRE REAL-TIME CLOCK
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Holtek Semiconductor In...
HT1382_1105 HOLTEK-HT1382_1105 Datasheet
306Kb / 29P
I2C/3-Wire Real Time Clock
May 27, 2011
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 4; 9/12
logo
Holtek Semiconductor In...
HT1382 HOLTEK-HT1382_14 Datasheet
1Mb / 23P
I2C/3-Wire Real Time Clock
July 24, 2014
logo
Seiko Instruments Inc
S35192A SII-S35192A Datasheet
2Mb / 42P
3-WIRE REAL-TIME CLOCK
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
I2C Real-Time Clock
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com