Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD2017C Datasheet (PDF) - Sanyo Semicon Device

FTD2017C Datasheet PDF - Sanyo Semicon Device
Part # FTD2017C
Download  FTD2017C Download
File Size   314.75 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description N-Channel Silicon MOSFET General-Purpose Switching Device Applications

FTD2017C Datasheet (PDF)

Go To PDF Page Download Datasheet
FTD2017C Datasheet PDF - Sanyo Semicon Device

Part # FTD2017C
Download  FTD2017C Click to download

File Size   314.75 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description N-Channel Silicon MOSFET General-Purpose Switching Device Applications

FTD2017C Datasheet (HTML) - Sanyo Semicon Device


FTD2017C Product details

General-Purpose Switching Device Applications

Features
• Low ON-resistance
• 2.5V drive
• Mount heigt 1.1mm
• Composite type, facilitating high-density mounting
• Drain common specifications
• Halogen free compliance




Similar Part No. - FTD2017C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FTD2017 SANYO-FTD2017 Datasheet
42Kb / 4P
Load Switching Applications
logo
VBsemi Electronics Co.,...
FTD2017 VBSEMI-FTD2017 Datasheet
1Mb / 8P
Dual N-Channel 25-V (D-S) MOSFET
FTD2017A VBSEMI-FTD2017A Datasheet
1Mb / 8P
Dual N-Channel 25-V (D-S) MOSFET
logo
Sanyo Semicon Device
FTD2017M SANYO-FTD2017M Datasheet
57Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
FTD2017R SANYO-FTD2017R Datasheet
54Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Similar Description - FTD2017C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3477 SANYO-MCH3477 Datasheet
58Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2409 SANYO-SCH2409 Datasheet
57Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com