Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA1026 Datasheet (PDF) - Microchip Technology

24AA1026 Datasheet PDF - Microchip Technology
Part # 24AA1026
Download  24AA1026 Download
File Size   446.97 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1024K I2C??CMOS Serial EEPROM 100 kHz and 400 kHz Clock Compatibility

24AA1026 Datasheet (PDF)

Go To PDF Page Download Datasheet
24AA1026 Datasheet PDF - Microchip Technology

Part # 24AA1026
Download  24AA1026 Click to download

File Size   446.97 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1024K I2C??CMOS Serial EEPROM 100 kHz and 400 kHz Clock Compatibility

24AA1026 Datasheet (HTML) - Microchip Technology


24AA1026 Product details

Description:

The Microchip Technology Inc. 24AA1026/24LC1026/24FC1026 (24XX1026*) is a 128K x 8 (1024K bit) Serial Electrically Erasable PROM, capable of operation across a broad voltage range (1.7V to 5.5V). It has been developed for advanced, low-power applications such as personal communications or data acquisition. This device has both byte write and page write capability of up to 128 bytes of data.



Features:

• Low-Power CMOS Technology:

- Read current 450µA, maximum

- Standby current 5µA, maximum

• 2-Wire Serial Interface, I2C™ Compatible

• Cascadable up to Four Devices

• Schmitt Trigger Inputs for Noise Suppression

• Output Slope Control to Eliminate Ground Bounce

• 100 kHz and 400 kHz Clock Compatibility

• 1 MHz Clock for FC Versions

• Page Write Time 3 ms, typical

• Self-Timed Erase/Write Cycle

• 128-Byte Page Write Buffer

• Hardware Write-Protect

• ESD Protection >400V

• More than 1 Million Erase/Write Cycles

• Data Retention >200 Years

• Factory Programming Available

• Packages include 8-lead PDIP, SOIJ and SOIC

• Pb-Free and RoHS Compliant

• Temperature Ranges:

- Industrial (I): -40℃ to +85℃

- Automotive (E): -40℃ to +125℃




Similar Part No. - 24AA1026

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA1026 MICROCHIP-24AA1026 Datasheet
586Kb / 28P
1024K I2C??Serial EEPROM
11/29/11
24AA1026E/P MICROCHIP-24AA1026E/P Datasheet
464Kb / 30P
1024K I2C Serial EEPROM
07/14/15
24AA1026E/SM MICROCHIP-24AA1026E/SM Datasheet
464Kb / 30P
1024K I2C Serial EEPROM
07/14/15
24AA1026E/SN MICROCHIP-24AA1026E/SN Datasheet
464Kb / 30P
1024K I2C Serial EEPROM
07/14/15
24AA1026I/P MICROCHIP-24AA1026I/P Datasheet
464Kb / 30P
1024K I2C Serial EEPROM
07/14/15
More results


Similar Description - 24AA1026

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA1025 MICROCHIP-24AA1025 Datasheet
366Kb / 22P
1024K I2C??CMOS Serial EEPROM
2007
24AA1025 MICROCHIP-24AA1025_08 Datasheet
365Kb / 24P
1024K I2C??CMOS Serial EEPROM
2008
24LC1025 MICROCHIP-24LC1025 Datasheet
304Kb / 26P
1024K I2C??CMOS Serial EEPROM
2010
24AA1025 MICROCHIP-24AA1025_11 Datasheet
447Kb / 28P
1024K I2C??CMOS Serial EEPROM
2011
24LC1025-IP MICROCHIP-24LC1025-IP Datasheet
447Kb / 28P
1024K I2C??Serial EEPROM
2005-2012
24LC1025-I-SM MICROCHIP-24LC1025-I-SM Datasheet
447Kb / 28P
1024K I2C??Serial EEPROM
2005-2012
24AA1026 MICROCHIP-24AA1026_12 Datasheet
586Kb / 28P
1024K I2C??Serial EEPROM
11/29/11
24FC1025T-ISM MICROCHIP-24FC1025T-ISM Datasheet
447Kb / 28P
1024K I2C Serial EEPROM
11/29/11
24AA1026 MICROCHIP-24AA1026_15 Datasheet
464Kb / 30P
1024K I2C Serial EEPROM
07/14/15
24AA1025 MICROCHIP-24AA1025_13 Datasheet
653Kb / 28P
1024K I2C Serial EEPROM
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com