Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC877256A Datasheet (PDF) - Sanyo Semicon Device

LC877256A Datasheet PDF - Sanyo Semicon Device
Part # LC877256A
Download  LC877256A Download
File Size   707.16 Kbytes
Page   24 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip

LC877256A Datasheet (PDF)

Go To PDF Page Download Datasheet
LC877256A Datasheet PDF - Sanyo Semicon Device

Part # LC877256A
Download  LC877256A Click to download

File Size   707.16 Kbytes
Page   24 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip

LC877256A Datasheet (HTML) - Sanyo Semicon Device


LC877256A Product details

Overview
The LC877264A, LC877256A and LC877248A are 8 bit single chip microcontrollers with the following on-chip functional blocks :
    - CPU: operable at a minimum bus cycle time of 100 ns
    - On-chip ROM Maximum Capacity : LC877264A 64K bytes
        LC877256A 56K bytes
        LC877248A 48K bytes
    - On-chip RAM capacity: 2048 bytes
    - LCD controller / driver
    - 16 bit timer / counter (can be divided into two 8 bit timers)
    - 16 bit timer / PWM (can be divided into two 8 bit timers)
    - Timer for use as date / time clock
    - Synchronous serial I/O port (with automatic block transmit / receive function)
    - Asynchronous / synchronous serial I/O port
    - 12-channel × 8-bit AD converter
    - Small signal detector
    - 14-source 10-vectored interrupt system

    All of the above functions are fabricated on a single chip.




Similar Part No. - LC877256A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
More results


Similar Description - LC877256A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com