Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC8900KQ Datasheet (PDF) - Sanyo Semicon Device

LC8900KQ Datasheet PDF - Sanyo Semicon Device
Part # LC8900KQ
Download  LC8900KQ Download
File Size   146.15 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Audio Interface Receiver

LC8900KQ Datasheet (PDF)

Go To PDF Page Download Datasheet
LC8900KQ Datasheet PDF - Sanyo Semicon Device

Part # LC8900KQ
Download  LC8900KQ Click to download

File Size   146.15 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Audio Interface Receiver

LC8900KQ Datasheet (HTML) - Sanyo Semicon Device


LC8900KQ Product details

Overview
The LC8900KQ is a CMOS LSI circuit chip that can be used to enable the EIAJ CP-1201 formatted data transmission between digital audio equipment. It is used by the receiving end and operates synchronously with input signals. This chip demodulates input signals into normally-formatted signals.

Features
• On-chip PLL circuit: enables the LSI operation to be synchronous to the transmitted EIAJ format input signals.
• Four input pins and one output pin: The output pin enables the input data to be sent as they are.
• Two data output function modes: 20-bit data LSB first mode and 16-bit data MSB first mode.
• Four output clocks: Bit clock, LRCK, 384Fs and 256Fs.
   All these clocks are synchronized to the data.
• Various signal outputs: copy inhibit, emphasis on:off control, user’s bit, validity flag and sampling frequency.
• LPF time constant select mode: This function can be used in the PLL lock-up state.
• Error detect signal output: If an input data error is detected, this LSI circuit chip outputs the error signal.
   In this case, the previous data will be output by the chip.
• Lock-up signal output: This signal is output when the internal PLL (Phase Locked Loop) block of the LSI circuit chip is locked.
• The chip has the pin to receive a signal for stopping the PLL operation.
• Control and processing mode via microcontroller interface: input pin select, copy information and sampling frequency output.
• Each input pin has an internal amplifier circuit.
• Si gate, CMOS process technology and single 5V power supply applicational and functional concept.




Similar Part No. - LC8900KQ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
Digital Audio Interface Receiver
LC8901Q SANYO-LC8901Q Datasheet
177Kb / 15P
Digital Audio Interface Receiver
LC8902 SANYO-LC8902 Datasheet
291Kb / 14P
Digital Audio Interface Receiver
LC8902Q SANYO-LC8902Q Datasheet
291Kb / 14P
Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
Digital Audio Interface Receiver?
More results


Similar Description - LC8900KQ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
DIGITAL AUDIO INTERFACE RECEIVER
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com