Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC89201 Datasheet (PDF) - Sanyo Semicon Device

LC89201 Datasheet PDF - Sanyo Semicon Device
Part # LC89201
Download  LC89201 Download
File Size   114.95 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 9600-bps Facsimile Modem

LC89201 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC89201 Datasheet PDF - Sanyo Semicon Device

Part # LC89201
Download  LC89201 Click to download

File Size   114.95 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 9600-bps Facsimile Modem

LC89201 Datasheet (HTML) - Sanyo Semicon Device


LC89201 Product details

Overview
The LC89201 is a CMOS single-chip, synchronous, halfduplex, 9600-bps fax modem designed for use with public telephone networks. Built in are such essential features for Group III facsimile systems as modulator, demodulator, transmission filters, and V.24 interface.

Features
• Support for the following ITU-T standards: V.29 (9600, 7200 and 4800 bps), V.27ter (4800 and 2400 bps), V.21ch2 (300 bps), T.30, and T.4.
• Half-duplex operation.
• Group III facsimile support.
• Automatic switching between high- (V.29 and V.27ter) and low-speed (V.21ch2) incoming facsimiles.
• Short training (for ITU-T V.27ter only).
• HDLC framing and deframing (V.29, V.27ter, and V.21ch2).
• Tone generation and detection.
• Dual-tone multifrequency (DTMF) generation and detection.
• Call progress tone detection.
• Pseudo link back tone generation.
• Built-in automatic adaptive equalizer.
• Built-in fixed-amplitude amplifier.
    — Link amplitude equalizer
    — Cable amplitude equalizer
• Built-in transmission filters (digital filters).
• Programmable transmission level adjustment.
• Dynamic range for reception of 0 to –47 dBm.
• Programmable reception sensitivity adjustment.
• DTE interface.
    — Serial interface (ITU-T V.24)
    — Parallel interface (4 words × 8 bits, with built-in FIFO)
• Programmable interrupt generator.
• Built-in eye pattern generator.
• Adaptive differential pulse-code modulation (ADPCM).
• Caller ID detection.
• Built-in diagnostics.
• Energy-saving CMOS design (typ. 250 mW).
• Single 5 V power supply.
• 80-pin flat package (QIP-80E).




Similar Part No. - LC89201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
FAX Modem
More results


Similar Description - LC89201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
300 bps Single Chip FSK MODEM
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
1200 bps Single Chip MSK Modem
logo
Samsung semiconductor
KS16112 SAMSUNG-KS16112 Datasheet
513Kb / 69P
9600/14400 bps FAX MODEM
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
Miniature 2400 bps Modem Module
FM209 ETC-FM209 Datasheet
116Kb / 12P
9600/14400 BPS MONOFAX MODEM FAMILY
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
Compact 1200 bps Modem
XE1401 ETC1-XE1401 Datasheet
72Kb / 18P
Multi-National 14,400 BPS Embeddable Modem
logo
fujitsu semiconductor
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
1200 BPS MSK MODEM
logo
List of Unclassifed Man...
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
Smallest World-Wide 2400 BPS Modem
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com