Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C144AV Datasheet (PDF) - Cypress Semiconductor

CY7C144AV Datasheet PDF - Cypress Semiconductor
Part # CY7C144AV
Download  CY7C144AV Download
File Size   592.18 Kbytes
Page   21 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 3.3V 8K/16K x 8 Dual-Port Static RAM

CY7C144AV Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C144AV Datasheet PDF - Cypress Semiconductor

Part # CY7C144AV
Download  CY7C144AV Click to download

File Size   592.18 Kbytes
Page   21 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 3.3V 8K/16K x 8 Dual-Port Static RAM

CY7C144AV Datasheet (HTML) - Cypress Semiconductor


CY7C144AV Product details

Functional Description
The CY7C138AV/144AV/006AV/007AV and CY7C139AV/145AV/ 016AV/017AV are low-power CMOS 4K, 8K, 16K, and 32K x8/9 dual-port static RAMs. Various arbitration schemes are included on the devices to handle situations when multiple processors access the same piece of data. Two ports are provided, permitting independent, asynchronous access for reads and writes to any location in memory.

Features
• True Dual-Ported memory cells which allow simultaneous access of the same memory location
• 4K/8K/16K/32K x 8 organizations (CY7C0138AV/144AV/006AV/007AV)
• 4K/8K/16K/32K x 9 organizations (CY7C0139AV/145AV/016AV/017AV)
• 0.35-micron CMOS for optimum speed/power
• High-speed access: 20/25 ns
• Low operating power
   — Active: ICC = 115 mA (typical)
   — Standby: ISB3 = 10 µA (typical)
• Fully asynchronous operation
• Automatic power-down
• Expandable data bus to 16/18 bits or more using Master/ Slave chip select when using more than one device
• On-chip arbitration logic
• Semaphores included to permit software handshaking between ports
• INT flag for port-to-port communication
• Pin select for Master or Slave
• Commercial and Industrial Temperature Ranges
• Available in 68-pin PLCC (all) and 64-pin TQFP (7C006AV & 7C144AV)
• Pb-Free packages available




Similar Part No. - CY7C144AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C144AV CYPRESS-CY7C144AV Datasheet
544Kb / 20P
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C144AV-20AC CYPRESS-CY7C144AV-20AC Datasheet
544Kb / 20P
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C144AV-20JC CYPRESS-CY7C144AV-20JC Datasheet
544Kb / 20P
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C144AV-25AC CYPRESS-CY7C144AV-25AC Datasheet
544Kb / 20P
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C144AV-25AXC CYPRESS-CY7C144AV-25AXC Datasheet
544Kb / 20P
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
More results


Similar Description - CY7C144AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
320Kb / 17P
3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_05 Datasheet
499Kb / 16P
3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com