Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC8955 Datasheet (PDF) - Sanyo Semicon Device

LC8955 Datasheet PDF - Sanyo Semicon Device
Part # LC8955
Download  LC8955 Download
File Size   107.14 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CD-1 Format ADPCM Data Replay LSI

LC8955 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC8955 Datasheet PDF - Sanyo Semicon Device

Part # LC8955
Download  LC8955 Click to download

File Size   107.14 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CD-1 Format ADPCM Data Replay LSI

LC8955 Datasheet (HTML) - Sanyo Semicon Device


LC8955 Product details

Overview
The SANYO LC8955 is a stereo/mono replay IC for CD-I format ADPCM data. In addition to an ADPCM decoding circuit, the LC8955 also incorporates a DMA interface, buffer RAM interface and a D/A converter serial interface. The LC8955 interfaces directly with the SANYO LC8951 Real-time Error-correction and Host Interface Processor, allowing a CD-I replay system to be configured easily. The LC8955 is designed to operate with a host microprocessor which sets the operating mode. It operates from a single 5V supply, and is available in 80-pin plastic QIPs.

Features
• Real-time ADPCM decoder IC.
• Direct interface to SANYO’s LC8951 error-correction IC for high-speed data transfer.
• Data transfer under program or DMA control.
• Independent data and control busses in auto-request transfer.
• 8K byte external static RAM interface.
• Buffers up to 64 ADPCM sound groups in external RAM.
• DAC interface circuit.
• 80-pin plastic QIP.




Similar Part No. - LC8955

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89510 SANYO-LC89510 Datasheet
292Kb / 6P
CMOS LSI
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125W SANYO-LC895125W Datasheet
113Kb / 11P
CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
CD-ROM Decoder with Built-in SCSI Interface
More results


Similar Description - LC8955

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8954 SANYO-LC8954 Datasheet
154Kb / 6P
Error Correction and ADPCM Playback LSI for CD-1 Applications
LC89590 SANYO-LC89590 Datasheet
159Kb / 7P
CD-R LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
ADPCM Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
ADPCM Speech Synthesis LSI
FEDL22340-02 ETC2-FEDL22340-02 Datasheet
1Mb / 37P
ADPCM Speech Synthesis LSI
logo
Tontek Design Technolog...
TT5665 TONTEK-TT5665 Datasheet
472Kb / 18P
8-CHANNEL ADPCM VOICE SYNTEHSIS LSI
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com