Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1906 Datasheet (PDF) - Microchip Technology

PIC16LF1906 Datasheet PDF - Microchip Technology
Part # PIC16LF1906
Download  PIC16LF1906 Download
File Size   2592.74 Kbytes
Page   288 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology

PIC16LF1906 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16LF1906 Datasheet PDF - Microchip Technology

Part # PIC16LF1906
Download  PIC16LF1906 Click to download

File Size   2592.74 Kbytes
Page   288 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology

PIC16LF1906 Datasheet (HTML) - Microchip Technology


PIC16LF1906 Product details

High-Performance RISC CPU:
• C Compiler Optimized Architecture
• Only 49 Instructions
• Up to 14 Kbytes Self-Write/Read Flash Program
   Memory Addressing
• Up to 256 Bytes Data Memory Addressing
• Operating Speed:
   - DC – 20 MHz clock input @ 3.6V
   - DC – 16 MHz clock input @ 1.8V
   - DC – 200 ns instruction cycle
• Interrupt Capability with Automatic Context
   Saving
• 16-Level Deep Hardware Stack with Optional
   Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
   - Two full 16-bit File Select Registers (FSRs)
   - FSRs can read program and data memory

Flexible Oscillator Structure:
• 16 MHz Internal Oscillator Block:
   - Accuracy to ± 3%, typical
   - Software selectable frequency range from
      16 MHz to 31.25 kHz
• 31 kHz Low-Power Internal Oscillator
• Three External Clock modes up to 20 MHz
• Two-Speed Oscillator Start-up
• Low-Power RTC Implementation via LPT1OSC

Special Microcontroller Features:
• Operating Voltage Range:
   - 1.8V-3.6V
• Self-Programmable under Software Control
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Low-Power Brown-Out Reset (LPBOR)
• Extended Watchdog Timer (WDT)
• In-Circuit Serial Programming™ (ICSP™) via
   Two Pins
• In-Circuit Debug (ICD) via Two Pins
• Enhanced Low-Voltage Programming (LVP)
• Programmable Code Protection
• Power-Saving Sleep mode

Extreme Low-Power Management PIC16LF1904/6/7 with nanoWatt XLP:
• Sleep mode: 30 nA @ 1.8V, typical
• Watchdog Timer: 300 nA @ 1.8V, typical
• Timer1 Oscillator: 500 nA @ 1.8V, typical

Analog Features:
• Analog-to-Digital Converter (ADC):
   - 10-bit resolution, up to 14 channels
   - Conversion available during Sleep
   - Dedicated ADC RC oscillator
   - Fixed Voltage Reference (FVR) as channel
• Integrated Temperature Indicator
• Voltage Reference module:
   - Fixed Voltage Reference (FVR) with 1.024V
      and 2.048V output levels

Peripheral Highlights:
• Up to 36 I/O Pins and 1 Input-only Pin:
   - High current 25 mA sink/source
   - Individually programmable weak pull-ups
   - Individually programmable interrupt-onchange (IOC) pins
• Integrated LCD Controller:
   - At least 19 segment pins and as many as 116
      total segments
   - Variable clock input
   - Contrast control
   - Internal voltage reference selections
• Timer0: 8-Bit Timer/Counter with 8-Bit
   Programmable Prescaler
• Enhanced Timer1:
   - 16-bit timer/counter with prescaler
   - External Gate Input mode
   - Dedicated low-power 32 kHz oscillator driver
• Enhanced Universal Synchronous Asynchronous
   Receiver Transmitter (EUSART):
   - RS-232, RS-485 and LIN compatible
   - Auto-Baud Detect
   - Auto-wake-up on start




Similar Part No. - PIC16LF1906

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1906-EMVQTP MICROCHIP-PIC16LF1906-EMVQTP Datasheet
2Mb / 288P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
02/17/11
PIC16LF1906-EMVSQTP MICROCHIP-PIC16LF1906-EMVSQTP Datasheet
2Mb / 288P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
02/17/11
PIC16LF1906-EPQTP MICROCHIP-PIC16LF1906-EPQTP Datasheet
2Mb / 288P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
02/17/11
PIC16LF1906-EPSQTP MICROCHIP-PIC16LF1906-EPSQTP Datasheet
2Mb / 288P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
02/17/11
PIC16LF1906-EPTQTP MICROCHIP-PIC16LF1906-EPTQTP Datasheet
2Mb / 288P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
02/17/11
More results


Similar Description - PIC16LF1906

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F917 MICROCHIP-PIC16F917 Datasheet
4Mb / 272P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2005
PIC16F913 MICROCHIP-PIC16F913_07 Datasheet
6Mb / 330P
28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC16F72X MICROCHIP-PIC16F72X Datasheet
4Mb / 302P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
PIC16F193X MICROCHIP-PIC16F193X Datasheet
7Mb / 418P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2008
PIC16F193X MICROCHIP-PIC16F193X_09 Datasheet
4Mb / 508P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2009
PIC16F1516 MICROCHIP-PIC16F1516 Datasheet
2Mb / 344P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC12F1516 MICROCHIP-PIC12F1516 Datasheet
2Mb / 344P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1933 MICROCHIP-PIC16F1933_11 Datasheet
4Mb / 430P
28-Pin Flash-Based, 8-Bit CMOS Microcontrollers LCD Driver and nanoWatt XLP Technology
2011
PIC16F722 MICROCHIP-PIC16F722 Datasheet
4Mb / 302P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC16LF1906-I MICROCHIP-PIC16LF1906-I Datasheet
2Mb / 288P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
02/17/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com