Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3202 Datasheet (PDF) - Micrel Semiconductor

MIC3202 Datasheet PDF - Micrel Semiconductor
Part # MIC3202
Download  MIC3202 Download
File Size   853.73 Kbytes
Page   19 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense

MIC3202 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3202 Datasheet PDF - Micrel Semiconductor

Part # MIC3202
Download  MIC3202 Click to download

File Size   853.73 Kbytes
Page   19 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense

MIC3202 Datasheet (HTML) - Micrel Semiconductor


MIC3202 Product details

General Description  

The MIC3202 is a hysteretic, step-down, constant-current, High-Brightness LED (HB LED) driver. It provides an ideal solution for interior/exterior lighting, architectural and ambient lighting, LED bulbs, and other general illumination applications.



Features

• 6V to 37V input voltage range

• High efficiency (>90%)

•  ±5% LED current accuracy

• MIC3202: Dither enabled for low EMI

• MIC3202-1: Dither disabled

• High-side current sense (up to 1A)

• Dedicated dimming control input

• Hysteretic control (no compensation required)

• Up to 1MHz switching frequency

• Adjustable constant LED current

• Over-temperature protection

•  −40°C to +125°C junction temperature range




Similar Part No. - MIC3202

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
More results


Similar Description - MIC3202

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16822A MAXIM-MAX16822A Datasheet
226Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832A MAXIM-MAX16832A Datasheet
142Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16822A MAXIM-MAX16822A_10 Datasheet
188Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 1/10
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
logo
Maxim Integrated Produc...
MAX16832A MAXIM-MAX16832A_12 Datasheet
259Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 5; 3/12
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com