Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC94064 Datasheet (PDF) - Micrel Semiconductor

MIC94064 Datasheet PDF - Micrel Semiconductor
Part # MIC94064
Download  MIC94064 Download
File Size   578.74 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Side Power Switches

MIC94064 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC94064 Datasheet PDF - Micrel Semiconductor

Part # MIC94064
Download  MIC94064 Click to download

File Size   578.74 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Side Power Switches

MIC94064 Datasheet (HTML) - Micrel Semiconductor


MIC94064 Product details

General Description
The MIC94064 and MIC94065 are high-side load switches designed for operation between 1.7V to 5.5V. The devices contain a low on-resistance P-channel MOSFET that supports over 2A of continuous current.

Features
• 1.7V to 5.5V input voltage range
• 2A continuous operating current
• 77mΩ (typ) RDSON
• Built-in level shift for control logic; can be operated by 1.5V logic.
• Low 2µA quiescent current
• Soft-Start: 115µs
• Micro-power shutdown <1µA
• Load discharge circuit: MIC94065
• Space saving 1.2x1.6 mm Thin MLF® package

Applications
• Load switch in portable applications:
    - Cellular phones
    - PDAs
    - MP3 players
    - Digital Cameras
    - Portable instrumentation
• Battery switch-over circuits
• Level translator




Similar Part No. - MIC94064

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94060 MICREL-MIC94060 Datasheet
53Kb / 6P
100m SC-70-6 Smart Load Switch
MIC94060 MICREL-MIC94060 Datasheet
923Kb / 11P
High Side Power Switches
MIC94060 MICREL-MIC94060 Datasheet
684Kb / 11P
High Side Power Switches
logo
Microchip Technology
MIC94060 MICROCHIP-MIC94060 Datasheet
1Mb / 22P
High Side Power Switches
09/14/21
logo
Micrel Semiconductor
MIC94060BC6 MICREL-MIC94060BC6 Datasheet
53Kb / 6P
100m SC-70-6 Smart Load Switch
More results


Similar Description - MIC94064

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94070 MICREL-MIC94070 Datasheet
807Kb / 11P
High Side Power Switches
MIC94060 MICREL-MIC94060_07 Datasheet
923Kb / 11P
High Side Power Switches
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
Dual High Side Power Switches
logo
Unisonic Technologies
US94060 UTC-US94060 Datasheet
191Kb / 6P
HIGH SIDE POWER SWITCHES
US94061 UTC-US94061 Datasheet
193Kb / 6P
HIGH SIDE POWER SWITCHES
logo
Micrel Semiconductor
MIC94060 MICREL-MIC94060_10 Datasheet
684Kb / 11P
High Side Power Switches
logo
Unisonic Technologies
US94060 UTC-US94060_15 Datasheet
191Kb / 6P
HIGH SIDE POWER SWITCHES
US94061 UTC-US94061_15 Datasheet
193Kb / 6P
HIGH SIDE POWER SWITCHES
logo
Richtek Technology Corp...
RT9741 RICHTEK-RT9741 Datasheet
230Kb / 11P
High-Side Power Switches
logo
Microchip Technology
MIC94060 MICROCHIP-MIC94060 Datasheet
1Mb / 22P
High Side Power Switches
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com