Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37516F8HP Datasheet (PDF) - Renesas Technology Corp

M37516F8HP Datasheet PDF - Renesas Technology Corp
Part # M37516F8HP
Download  M37516F8HP Download
File Size   236.1 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP MICROCOMPUTER

M37516F8HP Datasheet (PDF)

Go To PDF Page Download Datasheet
M37516F8HP Datasheet PDF - Renesas Technology Corp

Part # M37516F8HP
Download  M37516F8HP Click to download

File Size   236.1 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP MICROCOMPUTER

M37516F8HP Datasheet (HTML) - Renesas Technology Corp


M37516F8HP Product details

DESCRIPTION

The 7516 group is the 8-bit microcomputer based on the 740 family core technology.

The 7516 group is designed for the household products and office automation equipment and includes serial I/O functions, 8-bit timer, A-D converter, and I2C-BUS interface.



FEATURES

● Basic machine-language instructions ...................................... 71

● Minimum instruction execution time .................................. 0.5 µs

    (at 8 MHz oscillation frequency)

● Memory size

    ROM ............................................................... 16 K to 32 K bytes

    RAM ....................................................................512 to 1 K bytes

● Programmable input/output ports ............................................ 40

● Interrupts ................................................. 17 sources, 16 vectors

● Timers ............................................................................. 8-bit ✕ 4

● Serial I/O1 ................... 8-bit ✕ 1 (UART or Clock-synchronized)

● Serial I/O2 ................................... 8-bit ✕ 1(Clock-synchronized)

● Multi-master I2C-BUS interface (option) ...................... 1 channel

● PWM ............................................................................... 8-bit ✕ 1

● A-D converter ............................................... 10-bit ✕ 8 channels

● Watchdog timer ............................................................ 16-bit ✕ 1

● Clock generating circuit ..................................... Built-in 2 circuits

   (connect to external ceramic resonator or quartz-crystal oscillator)

● Power source voltage

   In high-speed mode .................................................. 4.0 to 5.5 V

   (at 8 MHz oscillation frequency)

   In high-speed mode .................................................. 2.7 to 5.5 V

   (at 4 MHz oscillation frequency)

   In middle-speed mode............................................... 2.7 to 5.5 V

   (at 8 MHz oscillation frequency)

   In low-speed mode .................................................... 2.7 to 5.5 V

   (at 32 kHz oscillation frequency)

● Power dissipation

   In high-speed mode ..........................................................34 mW

   (at 8 MHz oscillation frequency, at 5 V power source voltage)

   In low-speed mode

   Except M37516F8HP ........................................................ 60 µW

   M37516F8HP .................................................................. 450 µW

   (at 32 kHz oscillation frequency, at 3 V power source voltage)

● Operating temperature range.................................... –20 to 85°C



APPLICATION

  Office automation equipment, FA equipment, Household products, Consumer electronics, etc.



 




Similar Part No. - M37516F8HP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37516F8HP MITSUBISHI-M37516F8HP Datasheet
232Kb / 12P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Similar Description - M37516F8HP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433802H HITACHI-HD6433802H Datasheet
1Mb / 435P
Single-Chip Microcomputer
HD64F3670 HITACHI-HD64F3670 Datasheet
1Mb / 305P
Single-Chip Microcomputer
logo
Renesas Technology Corp
H83437 RENESAS-H83437 Datasheet
2Mb / 753P
Single-Chip Microcomputer
H8S-2276 RENESAS-H8S-2276 Datasheet
3Mb / 869P
Single-Chip Microcomputer
M16C-80PIN RENESAS-M16C-80PIN Datasheet
260Kb / 8P
SINGLE-CHIP MICROCOMPUTER
M16C-M37542F8FP RENESAS-M16C-M37542F8FP Datasheet
261Kb / 7P
SINGLE-CHIP MICROCOMPUTER
M16C-M38039FFLSP RENESAS-M16C-M38039FFLSP Datasheet
245Kb / 8P
SINGLE-CHIP MICROCOMPUTER
M38507F8SPFP RENESAS-M38507F8SPFP Datasheet
235Kb / 7P
SINGLE-CHIP MICROCOMPUTER
logo
Fairchild Semiconductor
F38E70 FAIRCHILD-F38E70 Datasheet
1Mb / 20P
Single-Chip Microcomputer
logo
National Semiconductor ...
F38C70 NSC-F38C70 Datasheet
1Mb / 18P
Single-Chip Microcomputer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com