Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2Y0A02YK0F Datasheet (PDF) - Sharp Corporation

GP2Y0A02YK0F Datasheet PDF - Sharp Corporation
Part # GP2Y0A02YK0F
Download  GP2Y0A02YK0F Download
File Size   696.37 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type

GP2Y0A02YK0F Datasheet (PDF)

Go To PDF Page Download Datasheet
GP2Y0A02YK0F Datasheet PDF - Sharp Corporation

Part # GP2Y0A02YK0F
Download  GP2Y0A02YK0F Click to download

File Size   696.37 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type

GP2Y0A02YK0F Datasheet (HTML) - Sharp Corporation




Similar Part No. - GP2Y0A02YK0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0A02YK SHARP-GP2Y0A02YK Datasheet
64Kb / 4P
LONG DISTANCE MEASURING SENSOR
More results


Similar Description - GP2Y0A02YK0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0A710K0F SHARP-GP2Y0A710K0F Datasheet
343Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 100 to 550 cm Analog output type
GP2Y0A21YK0F SHARP-GP2Y0A21YK0F Datasheet
374Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 10 to 80 cm Analog output type
GP2Y0D02YK0F SHARP-GP2Y0D02YK0F Datasheet
682Kb / 9P
Distance Measuring Sensor Unit Digital output (80 cm) type
GP2Y0D21YK0F SHARP-GP2Y0D21YK0F Datasheet
399Kb / 9P
Distance Measuring Sensor Unit Digital output (24 cm) type
GP2Y0D413K0F SHARP-GP2Y0D413K0F Datasheet
1,011Kb / 9P
Distance Measuring Sensor Unit Digital output (13 cm) type
GP2Y3A001K0F SHARP-GP2Y3A001K0F_06 Datasheet
416Kb / 9P
Wide angle Distance Measuring Sensor Unit Measuring distance: 4 to 30 cm 5 Analog outputs type
GP2Y3A002K0F SHARP-GP2Y3A002K0F_06 Datasheet
435Kb / 9P
Wide angle Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm 5 Analog outputs type
GP2Y3A003K0F SHARP-GP2Y3A003K0F_06 Datasheet
433Kb / 9P
Wide angle Distance Measuring Sensor Unit Measuring distance: 40 to 300 cm 5 Analog outputs type
GP2Y0A60SZ0F SHARP-GP2Y0A60SZ0F Datasheet
690Kb / 10P
Distance Measuring Sensor Unit
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F_V01 Datasheet
864Kb / 9P
Distance Measuring Sensor Unit Measuring distance : 4 to 30 cm Analog output type
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com