Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A76-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A76-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A76-1
Download  A76-1 Download
File Size   1269.27 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier

A76-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
A76-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A76-1
Download  A76-1 Click to download

File Size   1269.27 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier

A76-1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A76-1 Product details

Description
The A76-1 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• HIGH GAIN - TWO STAGES: 27.5 dB (TYP.)
• HIGH OUTPUT LEVEL: +12.7 dBm (TYP.)
• LOW NOISE FIGURE: 3.0 dB (TYP.)




Similar Part No. - A76-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
382Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
A76-1 MA-COM-A76-1 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A76-1 MA-COM-A76-1 Datasheet
646Kb / 3P
Cascadable Amplifier
A76-1-SMA76-1 MA-COM-A76-1-SMA76-1 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Similar Description - A76-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-1-SMA70-1 MA-COM-A70-1-SMA70-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
Cascadable Amplifier
PA511-SMPA511 MA-COM-PA511-SMPA511 Datasheet
1Mb / 2P
Cascadable Amplifier
RA62-SMRA62 MA-COM-RA62-SMRA62 Datasheet
1Mb / 2P
Cascadable Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com