Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4416 Datasheet (PDF) - MIC GROUP RECTIFIERS

MIC4416 Datasheet PDF - MIC GROUP RECTIFIERS
Part # MIC4416
Download  MIC4416 Download
File Size   122.6 Kbytes
Page   10 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description IttyBitty??Low-Side MOSFET Driver

MIC4416 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4416 Datasheet PDF - MIC GROUP RECTIFIERS

Part # MIC4416
Download  MIC4416 Click to download

File Size   122.6 Kbytes
Page   10 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description IttyBitty??Low-Side MOSFET Driver

MIC4416 Datasheet (HTML) - MIC GROUP RECTIFIERS


MIC4416 Product details

General Description
The MIC4416 and MIC4417 IttyBitty™ low-side MOSFET drivers are designed to switch an N-channel enhancement type MOSFET from a TTL-compatible control signal in low side switch applications. The MIC4416 is noninverting and the MIC4417 is inverting. These drivers feature short delays and high peak current to produce precise edges and rapid rise and fall times. Their tiny 4-lead SOT-143 package uses minimum space.
The MIC4416/7 is powered from a +4.5V to +18V supply voltage. The on-state gate drive output voltage is approxi mately equal to the supply voltage (no internal regulators or clamps). High supply voltages, such as 10V, are appropriate for use with standard N-channel MOSFETs. Low supply voltages, such as 5V, are appropriate for use with logic-level N-channel MOSFETs.
In a low-side configuration, the driver can control a MOSFET that switches any voltage up to the rating of the MOSFET. The MIC4416 is available in the SOT-143 package and is rated for –40°C to +85°C ambient temperature range.

Features
• +4.5V to +18V operation
• Low steady-state supply current
   50µA typical, control input low
   370µA typical, control input high
• 1.2A nominal peak output
   3.5Ω typical output resistance at 18V supply
   7.8Ω typical output resistance at 5V supply
• 25mV maximum output offset from supply or ground
• Operates in low-side switch circuits
• TTL-compatible input withstands –20V
• ESD protection
• Inverting and noninverting versions

Applications
• Battery conservation
• Solenoid and motion control
• Lamp control
• Switch-mode power supplies




Similar Part No. - MIC4416

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416 Datasheet
121Kb / 10P
IttyBitty??Low-Side MOSFET Driver
MIC4416BM4 MICREL-MIC4416BM4 Datasheet
107Kb / 9P
IttyBitty??Low-Side MOSFET Driver
MIC4416BM4 MICREL-MIC4416BM4 Datasheet
121Kb / 10P
IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
IttyBitty??Low-Side MOSFET Driver
More results


Similar Description - MIC4416

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
IttyBitty??Low-Side MOSFET Driver
MIC5018 MICREL-MIC5018 Datasheet
58Kb / 7P
IttyBitty??High-Side MOSFET Driver Preliminary Information
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
Low-Cost IttyBitty Thermal Sensor IttyBitty
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
IttyBitty??Low-Side MOSFET Driver
MIC5018 MICREL-MIC5018_06 Datasheet
209Kb / 8P
IttyBitty??High-Side MOSFET Driver
MIC5020 MICREL-MIC5020_05 Datasheet
185Kb / 8P
Current-Sensing Low-Side MOSFET Driver
MIC2514 MICREL-MIC2514_08 Datasheet
177Kb / 6P
IttyBitty Integrated High-Side Switch
MIC281 MICREL-MIC281_11 Datasheet
177Kb / 12P
Low-Cost IttyBitty??Thermal Sensor IttyBitty
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com