Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4422 Datasheet (PDF) - MIC GROUP RECTIFIERS

MIC4422 Datasheet PDF - MIC GROUP RECTIFIERS
Part # MIC4422
Download  MIC4422 Download
File Size   241.42 Kbytes
Page   12 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description 9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process

MIC4422 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4422 Datasheet PDF - MIC GROUP RECTIFIERS

Part # MIC4422
Download  MIC4422 Click to download

File Size   241.42 Kbytes
Page   12 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description 9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process

MIC4422 Datasheet (HTML) - MIC GROUP RECTIFIERS




Similar Part No. - MIC4422

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4422 MICREL-MIC4422 Datasheet
237Kb / 12P
9A-Peak Low-Side MOSFET Driver
MIC4422A MICREL-MIC4422A Datasheet
393Kb / 13P
9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4422A MIC-MIC4422A Datasheet
399Kb / 13P
High peak-output current: 9A Peak (typ.)
logo
Micrel Semiconductor
MIC4422AAM MICREL-MIC4422AAM Datasheet
393Kb / 13P
9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4422AAM MIC-MIC4422AAM Datasheet
399Kb / 13P
High peak-output current: 9A Peak (typ.)
More results


Similar Description - MIC4422

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com