Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524C Datasheet (PDF) - Semtech Corporation

SC4524C Datasheet PDF - Semtech Corporation
Part # SC4524C
Download  SC4524C Download
File Size   802.48 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 28V 2A Step-Down Switching Regulator Wide input range: 3V to 28V

SC4524C Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4524C Datasheet PDF - Semtech Corporation

Part # SC4524C
Download  SC4524C Click to download

File Size   802.48 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 28V 2A Step-Down Switching Regulator Wide input range: 3V to 28V

SC4524C Datasheet (HTML) - Semtech Corporation


SC4524C Product details

Description

The SC4524C is a constant frequency peak current-mode step-down switching regulator capable of producing 2A output current from an input ranging from 3V to 28V. The switching frequency of the SC4524C can be programmed up to 2MHz for component miniaturization or it can be set at lower frequencies to accommodate high step-down ratios. The SC4524C is suitable for next generation XDSL modems, high-definition TVs and various point of load applications.



Features

Wide input range: 3V to 28V

2A Output Current

200kHz to 2MHz Programmable Frequency

Precision V Feedback Voltage

Peak Current-Mode Control

Cycle-by-Cycle Current Limiting

Hiccup Overload Protection with Frequency Foldback

Soft-Start and Enable

Thermal Shutdown

Thermally Enhanced 8-pin SOIC Package

Fully RoHS and WEEE compliant



Applications

XDSL and Cable Modems

Set Top Boxes

Point of Load Applications

CPE Equipment

DSP Power Supplies

LCD and Plasma TVs

Automotive Car Audio




Similar Part No. - SC4524C

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SC4524CSETRT SAMTEC-SC4524CSETRT Datasheet
573Kb / 22P
28V 2A Step-Down Switching Regulator
More results


Similar Description - SC4524C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8576 MAXIM-MAX8576 Datasheet
493Kb / 18P
3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers
Rev 1; 6/05
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A Datasheet
740Kb / 18P
28V 2A Step-Down Switching Regulator
SC4525A SEMTECH-SC4525A Datasheet
780Kb / 19P
28V 3A Step-Down Switching Regulator
SC4524A SEMTECH-SC4524A_08 Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
SC4525C SEMTECH-SC4525C Datasheet
742Kb / 21P
28V 3A Step-Down Switching Regulator Thermal Shutdown
logo
Samtec, Inc
SC4524CSETRT SAMTEC-SC4524CSETRT Datasheet
573Kb / 22P
28V 2A Step-Down Switching Regulator
logo
Monolithic Power System...
MP2905 MPS-MP2905 Datasheet
538Kb / 16P
3V-28V Input, Hysteretic Synchronous Step-Down Controller
logo
Semtech Corporation
SC4524E SEMTECH-SC4524E Datasheet
869Kb / 23P
28V 2A Step-Down Switching Regulator
SC4525E SEMTECH-SC4525E Datasheet
941Kb / 23P
28V 3A Step-Down Switching Regulator
SC4525EM SEMTECH-SC4525EM Datasheet
1Mb / 23P
28V 3A Step-Down Switching Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com