Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMI10021 Datasheet (PDF) - Semtech Corporation

SMI10021 Datasheet PDF - Semtech Corporation
Part # SMI10021
Download  SMI10021 Download
File Size   339.3 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 100-113 Gbps 10:4 Mux/CMU with Dual-DQPSK Precoder for Short Reach Applications

SMI10021 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMI10021 Datasheet PDF - Semtech Corporation

Part # SMI10021
Download  SMI10021 Click to download

File Size   339.3 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 100-113 Gbps 10:4 Mux/CMU with Dual-DQPSK Precoder for Short Reach Applications

SMI10021 Datasheet (HTML) - Semtech Corporation




Similar Part No. - SMI10021

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMI10031 SEMTECH-SMI10031 Datasheet
337Kb / 2P
100-113 Gbps 4:10 CDR/Demultiplexer with Dual/Single DQPSK Decoder for Short
More results


Similar Description - SMI10021

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8171 VITESSE-VSC8171 Datasheet
246Kb / 2P
SONET/SDH 16:1 Mux with CMU
logo
Analog Devices
AD8155 AD-AD8155 Datasheet
1Mb / 36P
6.5 Gbps Dual Buffer Mux/Demux
REV. 0
logo
Semtech Corporation
SMI10031 SEMTECH-SMI10031 Datasheet
337Kb / 2P
100-113 Gbps 4:10 CDR/Demultiplexer with Dual/Single DQPSK Decoder for Short
logo
Bel Fuse Inc.
SFP-1GBT-04 BEL-SFP-1GBT-04 Datasheet
369Kb / 4P
10/100 BroadR-Reach??RJ45 SFP Module
logo
Hittite Microwave Corpo...
HMC854LC5 HITTITE-HMC854LC5 Datasheet
1Mb / 10P
28 Gbps, 4:1 MUX WITH PROGRAMMABLE OUTPUT VOLTAGE
logo
Semtech Corporation
SMI4028 SEMTECH-SMI4028 Datasheet
485Kb / 2P
45 to 49 Gbps 16:2 Multiplexer/CMU with DQPSK Precoder
SMI4029 SEMTECH-SMI4029 Datasheet
579Kb / 2P
40-45 Gbps 16:2 Multiplexer/CMU with DQPSK Precoder
SMI5027 SEMTECH-SMI5027 Datasheet
522Kb / 2P
56 Gbps 16:2 Multiplexer/CMU with DQPSK Precoder
logo
Broadcom Corporation.
BCM8128BIFB BOARDCOM-BCM8128BIFB Datasheet
134Kb / 2P
MULTIRATE 10-GBPS SONET/SDH/10GE/FEC MUX
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com