Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAADSS0013SMB Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAADSS0013SMB Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAADSS0013SMB
Download  MAADSS0013SMB Download
File Size   162.61 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 4-Bit, Single Control

MAADSS0013SMB Datasheet (PDF)

Go To PDF Page Download Datasheet
MAADSS0013SMB Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAADSS0013SMB
Download  MAADSS0013SMB Click to download

File Size   162.61 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 4-Bit, Single Control

MAADSS0013SMB Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAADSS0013SMB Product details

Description
The MAADSS0013 is a 4-bit, 1-dB step GaAs MMIC digital attenuator in a lead-free 3mm PQFN-16LD surface mount plastic package. The MAADSS0013 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, wireless LANs, GPS equipment and other gain / level control circuits.

Features
• Integrated Logic
• Positive Single Control
• Insertion Loss: 1 dB @ 1.0 GHz
• IP3: 42 dBm typical @ 2.0 GHz
• Attenuation Accuracy: 0.2 dB + 2% @ 1.0 GHz
• 1-dB Attenuation Steps to 15 dB
• Low DC Power Consumption
• Lead-Free 3mm PQFN-16LD Plastic Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible




Similar Part No. - MAADSS0013SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0013SMB MA-COM-MAADSS0013SMB Datasheet
124Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz
More results


Similar Description - MAADSS0013SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-264 MACOM-AT-264_1 Datasheet
200Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
AT-264-PIN MA-COM-AT-264-PIN Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012 Datasheet
206Kb / 5P
Digital Attenuator, 1-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016 Datasheet
162Kb / 4P
Digital Attenuator, 5-Bit, Single Control
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
Digital Attenuator, 5-Bit, Single Control
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control
AT-264 MA-COM-AT-264_15 Datasheet
653Kb / 5P
Digital Attenuator, 4-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012_15 Datasheet
755Kb / 6P
Digital Attenuator, 1-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016_15 Datasheet
700Kb / 5P
Digital Attenuator, 5-Bit, Single Control
MAATSS0019 MA-COM-MAATSS0019_15 Datasheet
724Kb / 5P
Digital Attenuator, 4-Bit, Single Control, 15 dB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com