Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8893FQL Datasheet (PDF) - Micrel Semiconductor

KSZ8893FQL Datasheet PDF - Micrel Semiconductor
Part # KSZ8893FQL
Download  KSZ8893FQL Download
File Size   829.95 Kbytes
Page   117 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single-Chip 3-Port Switch with Fiber Support

KSZ8893FQL Datasheet (PDF)

Go To PDF Page Download Datasheet
KSZ8893FQL Datasheet PDF - Micrel Semiconductor

Part # KSZ8893FQL
Download  KSZ8893FQL Click to download

File Size   829.95 Kbytes
Page   117 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single-Chip 3-Port Switch with Fiber Support

KSZ8893FQL Datasheet (HTML) - Micrel Semiconductor


KSZ8893FQL Product details

General Description
The KSZ8893FQL, a highly integrated single-chip 3 port Fast Ethernet switch is designed for applications with fiber support such as media converter. It provides two 10/100 transceivers with patented mixed-signal low power technology, three media access control (MAC) units, a high-speed non-blocking switch fabric, a Layer-2 managed switch and TS-1000 OAM (Operations, Administration and Management) V2 in a compact solution. Backwards compatible to the TS-1000 (2002) specification, TS-1000 V2 is an OAM sub-layer that provides communication between CO (central office) and CPE (customer premises equipment).

Features
Integrated 3-Port 10/100 Ethernet Switch
• Three MACs and two PHYs fully compliant with IEEE 802.3u standard
• Non-blocking switch fabric assures fast packet delivery by utilizing an 1K MAC address lookup table and a store-and-forward architecture
• Full duplex IEEE 802.3x flow control (PAUSE) with force mode option
• Half-duplex back pressure flow control
• HP Auto MDI-X for reliable detection of and correction for straight-through and crossover cables with disable and enable option
• Micrel LinkMD® TDR-based cable diagnostics permit identification of faulty copper cabling
• 100Base-FX, 100Base-SX and 10Base-FL fiber support on port 1
• MII interface supports both MAC mode and PHY mode
• RMII interface support with external 50MHz system clock
• 7-wire serial network interface (SNI) support for legacy MAC
• Comprehensive LED Indicator support for link, activity, full/half duplex and 10/100 speed
(Continue ...)

Applications
• Media Conversion Modules:
    – 10Base-FL <=> 10Base-T
    – 100Base-SX <=> 100Base-TX
    – 100Base-FX <=> 100Base-TX
• FTTx Managed/Unmanaged Media Converters
• Fiber Broadband Gateways




Similar Part No. - KSZ8893FQL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8893FQL MICROCHIP-KSZ8893FQL Datasheet
2Mb / 109P
Single-Chip 3-Port Switch with Fiber Support
05/14/19
More results


Similar Description - KSZ8893FQL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9021RN MICREL-KSZ9021RN Datasheet
124Kb / 2P
Single-port Gigabit Transceiver with RGMII Support
KSZ8862-MQL MICREL-KSZ8862-MQL Datasheet
822Kb / 125P
2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862-16 MICREL-KSZ8862-16_10 Datasheet
822Kb / 125P
2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862MQL MICREL-KSZ8862MQL Datasheet
822Kb / 125P
2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862-16 MICREL-KSZ8862-16 Datasheet
822Kb / 125P
2-Port Ethernet Switch with Non-PCI Interfaceand Fiber Support
logo
Microchip Technology
KSZ8862-16M MICROCHIP-KSZ8862-16M Datasheet
2Mb / 126P
Two-Port Ethernet Switch with Non-PCI Interface and Fiber Support
05/14/19
KSZ8893FQL MICROCHIP-KSZ8893FQL Datasheet
2Mb / 109P
Single-Chip 3-Port Switch with Fiber Support
05/14/19
logo
IOGEAR
GHSW8181 IOGEAR-GHSW8181 Datasheet
145Kb / 2P
8-Port HD Switch with RS-232 Support
logo
Molex Electronics Ltd.
1300940530 MOLEX-1300940530 Datasheet
100Kb / 1P
FIBER OPTIC SUPPORT GRIP SINGLE WEAVE SINGLE EYE
2010/05/20
1300940534 MOLEX-1300940534 Datasheet
100Kb / 1P
FIBER OPTIC SUPPORT GRIP SINGLE WEAVE SINGLE EYE
2010/05/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com