Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB02-09CP Datasheet (PDF) - Sanyo Semicon Device

SB02-09CP Datasheet PDF - Sanyo Semicon Device
Part # SB02-09CP
Download  SB02-09CP Download
File Size   57.78 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 90V, 200mA Rectifier

SB02-09CP Datasheet (PDF)

Go To PDF Page Download Datasheet
SB02-09CP Datasheet PDF - Sanyo Semicon Device

Part # SB02-09CP
Download  SB02-09CP Click to download

File Size   57.78 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 90V, 200mA Rectifier

SB02-09CP Datasheet (HTML) - Sanyo Semicon Device


SB02-09CP Product details

Shottky Barrier Diode, 90V, 200mA Rectifier



Features

· Low forward voltage (VF max=0.7V).

· Fast reverse recorvery time (trr max=10ns).

· Low switching noise.

· Low leakage current and high reliability due to highly reliable planar structure.



Applications

· High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB02-09CP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB02-09C SANYO-SB02-09C Datasheet
70Kb / 3P
90V, 200mA Rectifier
More results


Similar Description - SB02-09CP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB005-09CP SANYO-SB005-09CP Datasheet
55Kb / 2P
90V, 50mA Rectifier
SB02-09NP SANYO-SB02-09NP Datasheet
58Kb / 2P
90V, 200mA Rectifier
SB05-09 SANYO-SB05-09 Datasheet
58Kb / 2P
90V, 500mA Rectifier
SB100-09J SANYO-SB100-09J Datasheet
81Kb / 3P
90V, 10A Rectifier
SB100-09K SANYO-SB100-09K Datasheet
81Kb / 3P
90V, 10A Rectifier
SB160-09R SANYO-SB160-09R Datasheet
80Kb / 3P
90V, 16A Rectifier
SB300-09 SANYO-SB300-09 Datasheet
80Kb / 3P
90V, 30A Rectifier
SBA50-09Y SANYO-SBA50-09Y Datasheet
81Kb / 3P
90V, 5A Rectifier
SBE803 SANYO-SBE803 Datasheet
36Kb / 3P
90V, 200mA Rectifier
SB02-09C SANYO-SB02-09C Datasheet
70Kb / 3P
90V, 200mA Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com