Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002LL Datasheet (PDF) - Unisonic Technologies

2N7002LL Datasheet PDF - Unisonic Technologies
Part # 2N7002LL
Download  2N7002LL Download
File Size   162.25 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 60V, 115mA, N-CHANNEL MOSFET

2N7002LL Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002LL Datasheet PDF - Unisonic Technologies

Part # 2N7002LL
Download  2N7002LL Click to download

File Size   162.25 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 60V, 115mA, N-CHANNEL MOSFET

2N7002LL Datasheet (HTML) - Unisonic Technologies


2N7002LL Product details

DESCRIPTION

The UTC 2N7002LL uses advanced technology to provide excellent RDS(ON), low gate charge and operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications.



„ FEATURES

* RDS(ON) = 7.5Ω @VGS = 10 V

* Low Reverse Transfer Capacitance ( CRSS = typical 5 pF )

* Fast Switching Capability

* Avalanche Energy Specified

* Improved dv/dt Capability, High Ruggedness




Similar Part No. - 2N7002LL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002LL UTC-2N7002LL Datasheet
166Kb / 3P
60V, 115mA N-CHANNEL POWER MOSFET
2N7002LLG-AE2-R UTC-2N7002LLG-AE2-R Datasheet
166Kb / 3P
60V, 115mA N-CHANNEL POWER MOSFET
2N7002LLG-AE2-R UTC-2N7002LLG-AE2-R Datasheet
143Kb / 3P
N-CHANNEL POWER MOSFET
2N7002LLK-AE2-R UTC-2N7002LLK-AE2-R Datasheet
166Kb / 3P
60V, 115mA N-CHANNEL POWER MOSFET
2N7002LL UTC-2N7002LL_12 Datasheet
166Kb / 3P
60V, 115mA N-CHANNEL POWER MOSFET
More results


Similar Description - 2N7002LL

ManufacturerPart #DatasheetDescription
logo
Rohm
RK7002 ROHM-RK7002 Datasheet
112Kb / 4P
Interface and switching (60V, 115mA)
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
logo
SeCoS Halbleitertechnol...
S2N7002K SECOS-S2N7002K Datasheet
1,011Kb / 3P
115mA, 60V N-Channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
2N7002L UTC-2N7002L_10 Datasheet
162Kb / 3P
60V, 115mA, N-CHANNEL MOSFET
2N7002LL UTC-2N7002LL_12 Datasheet
166Kb / 3P
60V, 115mA N-CHANNEL POWER MOSFET
logo
Rohm
RK7002T116 ROHM-RK7002T116 Datasheet
115Kb / 4P
Interface and switching (60V, 115mA)
logo
AiT Semiconductor Inc.
AM2N7002 AITSEMI-AM2N7002 Datasheet
832Kb / 8P
MOSFET SMALL SIGNAL N-CHANNEL 115mA, 60 V
REV2.2
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com