Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002TG-AN3-R Datasheet (PDF) - Unisonic Technologies

2N7002TG-AN3-R Datasheet PDF - Unisonic Technologies
Part # 2N7002TG-AN3-R
Download  2N7002TG-AN3-R Download
File Size   148.53 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 300 mAmps, 60 Volts N-CHANNEL POWER MOSFET

2N7002TG-AN3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002TG-AN3-R Datasheet PDF - Unisonic Technologies

Part # 2N7002TG-AN3-R
Download  2N7002TG-AN3-R Click to download

File Size   148.53 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 300 mAmps, 60 Volts N-CHANNEL POWER MOSFET

2N7002TG-AN3-R Datasheet (HTML) - Unisonic Technologies


2N7002TG-AN3-R Product details

DESCRIPTION
The UTC 2N7002T has been designed to minimize on-state resistance while provide rugged, reliable, and fast switching performance. It can be used in most applications requiring up to 400mA DC and can deliver pulsed currents up to 2A. The product is particularly suited for low voltage, low current applications, such as small servo motor control, power MOSFET gate drivers, and other switching applications

FEATURES
* High Density Cell Design for Low RDS(ON).
* Voltage Controlled Small Signal Switch
* Rugged and Reliable
* High Saturation Current Capability




Similar Part No. - 2N7002TG-AN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002TG-AN3-R UTC-2N7002TG-AN3-R Datasheet
162Kb / 3P
300mA, 60V N-CHANNEL POWER MOSFET
2N7002TG-AN3-R UTC-2N7002TG-AN3-R Datasheet
178Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results


Similar Description - 2N7002TG-AN3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF0201NLT1 ONSEMI-MMBF0201NLT1 Datasheet
86Kb / 8P
Power MOSFET 300 mAmps, 20 Volts
November, 2000 ??Rev. 2
MMBF0202PLT1 ONSEMI-MMBF0202PLT1 Datasheet
88Kb / 8P
Power MOSFET 300 mAmps, 20 Volts
November, 2000 ??Rev. 1
MMBF2201NT1 ONSEMI-MMBF2201NT1 Datasheet
60Kb / 8P
Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
November, 2000 ??Rev. 3
2N7000 ONSEMI-2N7000_07 Datasheet
57Kb / 4P
Small Signal MOSFET 200 mAmps, 60 Volts N?묬hannel TO??2 200 mAMPS 60 VOLTS
March, 2007 ??Rev. 6
MMBF0201NLT1 ONSEMI-MMBF0201NLT1_06 Datasheet
62Kb / 5P
Power MOSFET 300 mAmps, 20 Volts N?묬hannel SOT??3
January, 2006 ??Rev. 3
MMBF2201NT1 ONSEMI-MMBF2201NT1_06 Datasheet
57Kb / 4P
Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
January, 2006 ??Rev. 4
logo
WILLAS ELECTRONIC CORP
2N7002LT1 WILLAS-2N7002LT1 Datasheet
313Kb / 4P
115 mAmps, 60 Volts
logo
ON Semiconductor
MMBF2201N ONSEMI-MMBF2201N Datasheet
103Kb / 4P
Power MOSFET 300 mAmps, 20 Volts
August, 2013 ??Rev. 7
logo
Leshan Radio Company
L2N7002KTT1G LRC-L2N7002KTT1G Datasheet
484Kb / 6P
Small Signal MOSFET 380 mAmps, 60 Volts N?밅hannel
logo
First Silicon Co., Ltd
FTK7002 FS-FTK7002 Datasheet
248Kb / 4P
Small Signal MOSFET 300 mAmps, 60 Volts N?밅hannel SOT??3
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com