Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2S5 Datasheet (PDF) - Sharp Corporation

S2S5 Datasheet PDF - Sharp Corporation
Part # S2S5
Download  S2S5 Download
File Size   237.86 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Cost effective Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering

S2S5 Datasheet (PDF)

Go To PDF Page Download Datasheet
S2S5 Datasheet PDF - Sharp Corporation

Part # S2S5
Download  S2S5 Click to download

File Size   237.86 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Cost effective Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering

S2S5 Datasheet (HTML) - Sharp Corporation


S2S5 Product details

■ Description
S2S5 Series Phototriac Coupler include an infrared emitting diode (IRED) optically coupled to an output Phototriac.
These devices feature full wave control and are ideal isolated drivers for medium to high current Triacs.
SOP package provides 3.75kV isolation from input to output with superior commutative noise immunity.

■ Features
1. High repetitive peak off-state voltage (VDRM : 600V)
2. Non-zero crossing functionality
3. IFT ranks available (see Model Line-up section in this datasheet)
4. 4pin Mini-flat package
5. Superior noise immunity (dV/dt : MIN. 500V/µs)
6. Lead-free components are also available (see Model Line-up section in this datasheet)
7. Double transfer mold construction (Ideal for Flow Soldering)
8. High isolation voltage between input and output (Viso(rms) : 3.75kV)

■ Applications
1. Triggering for Triacs used to switch on and off devices which require AC Loads. For example heaters, fans, motors, solenoids, and valves.
2. Triggering for Triacs used for implementing phase control in applications such as lighting control and temperature control (HVAC).
3. AC line control in power supply applications.




Similar Part No. - S2S5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S2S LITTELFUSE-S2S Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
S2S ETC2-S2S Datasheet
205Kb / 12P
RoHS Compliant
S2S ETC2-S2S Datasheet
205Kb / 12P
RoHS Compliant
S2S0518A4 ETC2-S2S0518A4 Datasheet
116Kb / 1P
SPDT PIN DIODE SWITCHES
S2S0518A5 ETC2-S2S0518A5 Datasheet
116Kb / 1P
SPDT PIN DIODE SWITCHES
More results


Similar Description - S2S5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SD12NTZ SHARP-PC3SD12NTZ Datasheet
326Kb / 16P
VDRM : 600V, Cost effective Non-zero cross type DIP 6pin Phototriac Coupler for triggering
S2S3 SHARP-S2S3_04 Datasheet
277Kb / 16P
Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S4 SHARP-S2S4 Datasheet
261Kb / 15P
Zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC3SD11NTZBF SHARP-PC3SD11NTZBF Datasheet
334Kb / 16P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YTZBF SHARP-PC3SF11YTZBF Datasheet
295Kb / 15P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC2SD11NTZAF SHARP-PC2SD11NTZAF Datasheet
297Kb / 15P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11YXPCF SHARP-PC3SD11YXPCF Datasheet
334Kb / 16P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SG11YIZ SHARP-PC3SG11YIZ Datasheet
221Kb / 13P
Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC3SG11YIZ0F SHARP-PC3SG11YIZ0F Datasheet
221Kb / 13P
Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC4SD11NTZBF SHARP-PC4SD11NTZBF Datasheet
327Kb / 16P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com