Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB05W05 Datasheet (PDF) - Sanyo Semicon Device

SB05W05 Datasheet PDF - Sanyo Semicon Device
Part # SB05W05
Download  SB05W05 Download
File Size   59.78 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 500mA Rectifier?

SB05W05 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB05W05 Datasheet PDF - Sanyo Semicon Device

Part # SB05W05
Download  SB05W05 Click to download

File Size   59.78 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 500mA Rectifier?

SB05W05 Datasheet (HTML) - Sanyo Semicon Device


SB05W05 Product details

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=10ns).
• Low swicthing noise.
• Low leakage current and high reliability due to
    highly reliable planar structure.
• Small-sized package permitting applied sets to be
    compact and slim.
   
Applications
• Universal-use rectifier.
• High frequency rectification (switching regulators,
    converters, choppers).




Similar Part No. - SB05W05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB05W05C ONSEMI-SB05W05C Datasheet
296Kb / 6P
Schottky Barrier Diode 50V, 0.5A, Low IR, Monolithic Dual CP Common Cathode
September, 2013
SB05W05C-TB-E ONSEMI-SB05W05C-TB-E Datasheet
296Kb / 6P
Schottky Barrier Diode 50V, 0.5A, Low IR, Monolithic Dual CP Common Cathode
September, 2013
logo
Sanyo Semicon Device
SB05W05P SANYO-SB05W05P Datasheet
59Kb / 2P
50V, 500mA Rectifier?
SB05W05V SANYO-SB05W05V Datasheet
67Kb / 2P
50V, 500mA Rectifier
More results


Similar Description - SB05W05

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB05-05CP SANYO-SB05-05CP Datasheet
58Kb / 2P
50V, 500mA Rectifier
SB05-05NP SANYO-SB05-05NP Datasheet
60Kb / 2P
50V, 500mA Rectifier
SB05-05P SANYO-SB05-05P Datasheet
57Kb / 2P
50V, 500mA Rectifier
SB05W05P SANYO-SB05W05P Datasheet
59Kb / 2P
50V, 500mA Rectifier?
SB05W05V SANYO-SB05W05V Datasheet
67Kb / 2P
50V, 500mA Rectifier
logo
Rohm
DTD113ZK ROHM-DTD113ZK_09 Datasheet
145Kb / 4P
500mA / 50V Digital transistors
logo
Sanyo Semicon Device
SB05-05C SANYO-SB05-05C Datasheet
48Kb / 3P
50V, 500mA Rectifier
SB05-05P SANYO-SB05-05P_12 Datasheet
427Kb / 6P
50V, 500mA Rectifier
logo
Rohm
DTB113EC ROHM-DTB113EC Datasheet
1Mb / 8P
-500mA/-50V Digital transistor
DTB123EK ROHM-DTB123EK_15 Datasheet
911Kb / 9P
-500mA/-50V Digital transistor
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com