Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N65 Datasheet (PDF) - Unisonic Technologies

4N65 Datasheet PDF - Unisonic Technologies
Part # 4N65
Download  4N65 Download
File Size   390.7 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4 Amps, 650 Volts N-CHANNEL POWER MOSFET

4N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N65 Datasheet PDF - Unisonic Technologies

Part # 4N65
Download  4N65 Click to download

File Size   390.7 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4 Amps, 650 Volts N-CHANNEL POWER MOSFET

4N65 Datasheet (HTML) - Unisonic Technologies


4N65 Product details

DESCRIPTION

The UTC 4N65 is a high voltage power MOSFET designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and have a high rugged avalanche

characteristic. This power MOSFETis usually used in high speed switching applications including power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.





FEATURES

* RDS(ON)= 2.5Ω@VGS= 10 V

* Ultra Low Gate Charge ( typical 15 nC ) 

* Low Reverse Transfer Capacitance ( CRSS= Typical 8.0 pF )

* Fast Switching Capability

* Avalanche Energy Specified

* Improved dv/dt Capability, High Ruggedness




Similar Part No. - 4N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
4N65 ISC-4N65 Datasheet
136Kb / 2P
Drain Current ID= 4A@ TC=25C
logo
Chongqing Pingwei Enter...
4N65 CHONGQING-4N65 Datasheet
201Kb / 2P
4A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
650V N-Channel Power MOSFET
logo
Zibo Seno Electronic En...
4N65 ZSELEC-4N65 Datasheet
607Kb / 7P
N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
4N65 ISC-4N65 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 4N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N65 UTC-2N65 Datasheet
185Kb / 6P
2 Amps, 650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N65 UTC-7N65_09 Datasheet
180Kb / 6P
7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
15N65 UTC-15N65 Datasheet
170Kb / 7P
15 Amps, 650 Volts N-CHANNEL MOSFET
logo
Chongqing Pingwei Enter...
20N65Y CHONGQING-20N65Y Datasheet
481Kb / 7P
20 Amps,650 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK8N65P FS-FTK8N65P Datasheet
584Kb / 7P
8.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK2N65P FS-FTK2N65P Datasheet
346Kb / 7P
2 Amps, 650 Volts N-CHANNEL MOSFET
FTK7N65D FS-FTK7N65D Datasheet
615Kb / 7P
7.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK8N65PD FS-FTK8N65PD Datasheet
584Kb / 7P
8.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK10N65PD FS-FTK10N65PD Datasheet
289Kb / 7P
10 Amps, 650 Volts N-CHANNEL MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com