Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N80 Datasheet (PDF) - Unisonic Technologies

6N80 Datasheet PDF - Unisonic Technologies
Part # 6N80
Download  6N80 Download
File Size   181.17 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET

6N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N80 Datasheet PDF - Unisonic Technologies

Part # 6N80
Download  6N80 Click to download

File Size   181.17 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET

6N80 Datasheet (HTML) - Unisonic Technologies


6N80 Product details

DESCRIPTION

The UTC6N80 is a N-channel mode power MOSFET using UTC’s advanced technology to provide customers with planar stripe and DMOS technology. This technology specialized in allowing a minimum on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode. The UTC6N80 is universally applied in high efficiency switch mode power supply.



FEATURES

* RDS(on)= 2.0Ω@VGS= 10 V

* Improved dv/dt capability

* Fast switching

* 100% avalanche tested




Similar Part No. - 6N80

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
6N80 IXYS-6N80 Datasheet
87Kb / 4P
N-Channel Enhancement Mode
logo
Unisonic Technologies
6N80 UTC-6N80 Datasheet
199Kb / 6P
6A, 800V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
6N80 NELLSEMI-6N80 Datasheet
398Kb / 8P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
6N80 ISC-6N80 Datasheet
61Kb / 2P
Simple Drive Requirements
6N80 ISC-6N80 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 6N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N80 UTC-3N80 Datasheet
200Kb / 6P
2.5 Amps, 800 Volts N-CHANNEL POWER MOSFET
1N80 UTC-1N80 Datasheet
163Kb / 6P
1.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
2N80 UTC-2N80 Datasheet
170Kb / 6P
2 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80 UTC-3N80_11 Datasheet
210Kb / 6P
3 Amps, 800 Volts N-CHANNEL POWER MOSFET
4N80 UTC-4N80 Datasheet
165Kb / 6P
4.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
5N80 UTC-5N80 Datasheet
171Kb / 5P
5 Amps, 800 Volts N-CHANNEL POWER MOSFET
7N80 UTC-7N80 Datasheet
177Kb / 6P
7.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
9N80 UTC-9N80 Datasheet
178Kb / 5P
9 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80_1108 UTC-3N80_1108 Datasheet
222Kb / 6P
3 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK6N70P FS-FTK6N70P Datasheet
644Kb / 7P
6.0 Amps, 700 Volts N-CHANNEL MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com