Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11N50 Datasheet (PDF) - Unisonic Technologies

11N50 Datasheet PDF - Unisonic Technologies
Part # 11N50
Download  11N50 Download
File Size   161.0 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 500V N-CHANNEL MOSFET

11N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
11N50 Datasheet PDF - Unisonic Technologies

Part # 11N50
Download  11N50 Click to download

File Size   161.0 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 500V N-CHANNEL MOSFET

11N50 Datasheet (HTML) - Unisonic Technologies


11N50 Product details

„  DESCRIPTION

The UTC 11N50is an N-channel enhancement mode power MOSFET. It uses UTC advanced planar stripe, DMOS technology to provide customers perfect switching performance, minimal on-state resistance. It also can withstand high energy pulse in the avalanche and commutation mode.

The UTC 11N50is universally applied in electronic lamp ballasts based on half bridge topology, high efficiency switched mode power supplies, active power factor correction, etc.



FEATURES

* RDS(ON)=0.55Ω@ VGS=10V

* Fast Switching

* With 100% Avalanche Tested

 




Similar Part No. - 11N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
11N50 UTC-11N50 Datasheet
185Kb / 6P
11A, 500V N-CHANNEL POWER MOSFET
11N50G-T2Q-T UTC-11N50G-T2Q-T Datasheet
177Kb / 6P
N-CHANNEL POWER MOSFET
11N50G-TA3-T UTC-11N50G-TA3-T Datasheet
185Kb / 6P
11A, 500V N-CHANNEL POWER MOSFET
11N50G-TA3-T UTC-11N50G-TA3-T Datasheet
177Kb / 6P
N-CHANNEL POWER MOSFET
11N50G-TF1-T UTC-11N50G-TF1-T Datasheet
185Kb / 6P
11A, 500V N-CHANNEL POWER MOSFET
More results


Similar Description - 11N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA24N50 FAIRCHILD-FQA24N50 Datasheet
734Kb / 8P
500V N-Channel MOSFET
FQAF13N50 FAIRCHILD-FQAF13N50 Datasheet
723Kb / 8P
500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
500V N-Channel MOSFET
FQD5N50 FAIRCHILD-FQD5N50 Datasheet
772Kb / 9P
500V N-Channel MOSFET
FQL40N50 FAIRCHILD-FQL40N50 Datasheet
623Kb / 8P
500V N-Channel MOSFET
FQL40N50F FAIRCHILD-FQL40N50F Datasheet
635Kb / 8P
500V N-Channel MOSFET
FQNL2N50B FAIRCHILD-FQNL2N50B Datasheet
598Kb / 8P
500V N-Channel MOSFET
FQP2N50 FAIRCHILD-FQP2N50 Datasheet
717Kb / 8P
500V N-Channel MOSFET
FQP4N50 FAIRCHILD-FQP4N50 Datasheet
733Kb / 8P
500V N-Channel MOSFET
FQPF1N50 FAIRCHILD-FQPF1N50 Datasheet
733Kb / 8P
500V N-Channel MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com