Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16N50 Datasheet (PDF) - Unisonic Technologies

16N50 Datasheet PDF - Unisonic Technologies
Part # 16N50
Download  16N50 Download
File Size   170.33 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 16 Amps, 500 Volts N-CHANNEL POWER MOSFET

16N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
16N50 Datasheet PDF - Unisonic Technologies

Part # 16N50
Download  16N50 Click to download

File Size   170.33 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 16 Amps, 500 Volts N-CHANNEL POWER MOSFET

16N50 Datasheet (HTML) - Unisonic Technologies


16N50 Product details

DESCRIPTION

The UTC 16N50 is an N-channel mode power MOSFET using UTC’s advanced technology to provide customers with planar stripe and DMOS technology. This technology allows a minimum on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode. The UTC 16N50 is generally applied in high efficiency switch mode power supplies, active power factor correction and electronic lamp ballasts based on half bridge topology.



FEATURES

* RDS(ON) < 0.38Ω @ VGS=10V, ID=8A

* High Switching Speed

* 100% Avalanche Tested



 




Similar Part No. - 16N50

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
16N50A YFWDIODE-16N50A Datasheet
900Kb / 6P
16A 500V N-channel enhanced field effect transistor
logo
Infineon Technologies A...
16N50C3 INFINEON-16N50C3 Datasheet
729Kb / 14P
New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.2 2009-12-22
logo
KIA Semiconductor Techn...
16N50H KIA-16N50H Datasheet
329Kb / 6P
16A竊?00V N-CHANNEL MOSFET
logo
Unisonic Technologies
16N50 UTC-16N50_15 Datasheet
197Kb / 6P
N-CHANNEL POWER MOSFET
More results


Similar Description - 16N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N50 UTC-1N50 Datasheet
169Kb / 6P
1.3 Amps, 500 Volts N-CHANNEL POWER MOSFET
2N50 UTC-2N50 Datasheet
173Kb / 6P
2 Amps, 500 Volts N-CHANNEL POWER MOSFET
3N50 UTC-3N50_11 Datasheet
173Kb / 6P
3 Amps, 500 Volts N-CHANNEL POWER MOSFET
4N50 UTC-4N50 Datasheet
171Kb / 6P
4 Amps, 500 Volts N-CHANNEL POWER MOSFET
6N50 UTC-6N50 Datasheet
172Kb / 6P
6 Amps, 500 Volts N-CHANNEL POWER MOSFET
7N50 UTC-7N50 Datasheet
171Kb / 6P
7 Amps, 500 Volts N-CHANNEL POWER MOSFET
8N50 UTC-8N50 Datasheet
171Kb / 6P
8 Amps, 500 Volts N-CHANNEL POWER MOSFET
12N50 UTC-12N50 Datasheet
171Kb / 6P
12 Amps, 500 Volts N-CHANNEL POWER MOSFET
18N50 UTC-18N50 Datasheet
163Kb / 6P
18 Amps, 500 Volts N-CHANNEL POWER MOSFET
24N50 UTC-24N50 Datasheet
163Kb / 6P
24 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com