Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1616 Datasheet (PDF) - Unisonic Technologies

1616 Datasheet PDF - Unisonic Technologies
Part # 1616
Download  1616 Download
File Size   39.96 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP

1616 Datasheet (PDF)

Go To PDF Page Download Datasheet
1616 Datasheet PDF - Unisonic Technologies

Part # 1616
Download  1616 Click to download

File Size   39.96 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP

1616 Datasheet (HTML) - Unisonic Technologies


1616 Product details

DESCRIPTION
The UTC 1616 is a CMOS design for 6 different alarm sounds application. The sound of UTC 1616 will be generated in cycling sequence. The soft chirp is only generated within 200ms of the 1st sound.
By the way, UTC 1616 is also partitioned for single tone siren/alarm sound generator with soft chirp, 1616A. The types of UTC 1616 Series are listed as following.
    1616: 6 tones with 200ms soft chirp in the 1st sound.
    1616A: Single tone with 200ms soft chirp on chip.

FEATURES
* Low operating voltage: 2V ~ 5V.
* On-chip RC oscillator.
* Low stand by current.
* CMOS process.




Similar Part No. - 1616

ManufacturerPart #DatasheetDescription
logo
THOR communications
1616 THOR-1616 Datasheet
73Kb / 1P
Dead Blow Nylon Hammers
logo
List of Unclassifed Man...
1616 ETC2-1616 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
logo
Infinite Electronics In...
1616 L-COM-1616 Datasheet
48Kb / 1P
CON, N-MALE R/A CRIMP LMR600
5/4/10
logo
Abbatron All Rights Res...
1616 ABBATRON-1616 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
E-T-A Elektrotechnische...
1616-21-10A E-T-A-1616-21-10A Datasheet
248Kb / 4P
Thermal Automotive Circuit Breaker 1616-...
More results


Similar Description - 1616

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3763A ETC-M3763A Datasheet
24Kb / 2P
HORN/SIREN WITH SOFT CHIRP 6 ALARM SOUNDS
M3766 ETC-M3766 Datasheet
33Kb / 2P
HORN/SIREN WITH SOFT CHIRP 6 ALARM SOUNDS
logo
Unisonic Technologies
1607 UTC-1607 Datasheet
43Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617 Datasheet
34Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_12 Datasheet
169Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_12 Datasheet
162Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607_15 Datasheet
148Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_15 Datasheet
210Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
logo
MOSDESIGN SEMICONDUCTOR...
M3763A MOSDESIGN-M3763A Datasheet
144Kb / 2P
HORN/SIREN WITH SOFT CHIRP 6 ALARM SOUNDS
2010-07-09
M3765 MOSDESIGN-M3765 Datasheet
108Kb / 2P
HORN/SIREN WITH SOFT CHIRP 6 ALARM SOUNDS
2012-01-18
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com