Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1183B Datasheet (PDF) - Unisonic Technologies

L1183B Datasheet PDF - Unisonic Technologies
Part # L1183B
Download  L1183B Download
File Size   191.15 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 300mA CMOS LDO

L1183B Datasheet (PDF)

Go To PDF Page Download Datasheet
L1183B Datasheet PDF - Unisonic Technologies

Part # L1183B
Download  L1183B Click to download

File Size   191.15 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 300mA CMOS LDO

L1183B Datasheet (HTML) - Unisonic Technologies


L1183B Product details

DESCRIPTION
The UTC L1183B is a positive, linear regulator. One of the feature is the very low ground current typically as low as 30μA, and the dropout voltage is extremely low. For stable operation, the output capacitance value should be 2.2μF or more.
The internal circuit includes thermal shutdown and current fold-back device to prevent device failure when the circuit is operated in bad conditions.
The UTC L1183B is generally suitable for applications, such as instrumentation, portable electronics, wireless devices, cordless phones, PC peripherals, battery powered widgets.

FEATURES
* Very Low Dropout Voltage
* Guaranteed Output Current: 300mA
* Quiescent Current: 30μA (TYP.)
* Typical Accuracy Within 2%
* Over-Temperature Shutdown
* Current Limiting
* Short Circuit Current Fold-Back
* Power Good Detector (6 pin version only)
* Power-Saving Shutdown Mode
* Adjustable Output Voltages
* Low Temperature Coefficient
* RoHS-Compliant Product




Similar Part No. - L1183B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183B ETL-L1183B Datasheet
184Kb / 4P
Very Low Dropout Voltage
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
184Kb / 4P
300mA CMOS LDO
L1183BG-XX-AG6-R UTC-L1183BG-XX-AG6-R Datasheet
191Kb / 7P
300mA CMOS LDO
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
300mA CMOS LDO
More results


Similar Description - L1183B

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
300mA CMOS LDO
logo
Microchip Technology
TC1108 MICROCHIP-TC1108 Datasheet
430Kb / 12P
300mA CMOS LDO
2002
logo
List of Unclassifed Man...
CM2830 ETC-CM2830 Datasheet
526Kb / 15P
300mA CMOS LDO
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
300mA CMOS LDO
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
300mA CMOS LDO
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com