Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1923 Datasheet (PDF) - Unisonic Technologies

L1923 Datasheet PDF - Unisonic Technologies
Part # L1923
Download  L1923 Download
File Size   198.63 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 500mA HIGH PSRR LDO REGULATORS

L1923 Datasheet (PDF)

Go To PDF Page Download Datasheet
L1923 Datasheet PDF - Unisonic Technologies

Part # L1923
Download  L1923 Click to download

File Size   198.63 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 500mA HIGH PSRR LDO REGULATORS

L1923 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - L1923

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1923 UTC-L1923 Datasheet
216Kb / 7P
500mA HIGH PSRR LDO REGULATORS
L1923G-XX-AF5-R UTC-L1923G-XX-AF5-R Datasheet
216Kb / 7P
500mA HIGH PSRR LDO REGULATORS
L1923L-XX-AF5-R UTC-L1923L-XX-AF5-R Datasheet
216Kb / 7P
500mA HIGH PSRR LDO REGULATORS
L1923 UTC-L1923_11 Datasheet
216Kb / 7P
500mA HIGH PSRR LDO REGULATORS
More results


Similar Description - L1923

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
300mA High PSRR LDO Regulators
logo
Global Mixed-mode Techn...
G9161 GMT-G9161 Datasheet
411Kb / 15P
400mA High PSRR, LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
300mA High PSRR LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
300mA High PSRR LDO Regulators
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
High PSRR 500mA LDO Regulator
logo
Unisonic Technologies
L1923 UTC-L1923_11 Datasheet
216Kb / 7P
500mA HIGH PSRR LDO REGULATORS
logo
Global Mixed-mode Techn...
G923 GMT-G923_15 Datasheet
89Kb / 2P
300mA High PSRR LDO Regulators
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
500mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
300mA High PSRR LDO Regulators
G9161 GMT-G9161_15 Datasheet
69Kb / 1P
400mA High PSRR, LDO Regulators
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com