Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB20W03 Datasheet (PDF) - Sanyo Semicon Device

SB20W03 Datasheet PDF - Sanyo Semicon Device
Part # SB20W03
Download  SB20W03 Download
File Size   82.95 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 2A Rectifier

SB20W03 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB20W03 Datasheet PDF - Sanyo Semicon Device

Part # SB20W03
Download  SB20W03 Click to download

File Size   82.95 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 2A Rectifier

SB20W03 Datasheet (HTML) - Sanyo Semicon Device


SB20W03 Product details

30V, 2A Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=20ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB20W03

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20W03 SANYO-SB20W03 Datasheet
72Kb / 2P
30V, 2A Rectifier
SB20W03P SANYO-SB20W03P Datasheet
72Kb / 2P
30V, 2A Rectifier
SB20W03V SANYO-SB20W03V Datasheet
72Kb / 2P
30V, 2A Rectifier
SB20W03Z SANYO-SB20W03Z Datasheet
68Kb / 2P
30V, 2A Rectifier
More results


Similar Description - SB20W03

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20-03B SANYO-SB20-03B Datasheet
78Kb / 3P
30V, 2A Rectifier
SB20-03E SANYO-SB20-03E Datasheet
79Kb / 3P
30V, 2A Rectifier
SB20-03P SANYO-SB20-03P Datasheet
60Kb / 2P
30V, 2A Rectifier
SB20W03P SANYO-SB20W03P Datasheet
72Kb / 2P
30V, 2A Rectifier
SB20W03V SANYO-SB20W03V Datasheet
72Kb / 2P
30V, 2A Rectifier
SB20W03Z SANYO-SB20W03Z Datasheet
68Kb / 2P
30V, 2A Rectifier
SBE001 SANYO-SBE001 Datasheet
35Kb / 3P
30V, 2A Rectifier
logo
Rohm
2SC5875 ROHM-2SC5875 Datasheet
98Kb / 4P
Power transistor (30V, 2A)
2SB1714 ROHM-2SB1714 Datasheet
102Kb / 3P
-2A / -30V Bipolar transistor
2SD2679 ROHM-2SD2679 Datasheet
101Kb / 3P
2A / 30V Bipolar transistor
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com