Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-9380VW-2RG Datasheet (PDF) - Optoway Technology Inc

SPS-9380VW-2RG Datasheet PDF - Optoway Technology Inc
Part # SPS-9380VW-2RG
Download  SPS-9380VW-2RG Download
File Size   120.75 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter

SPS-9380VW-2RG Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-9380VW-2RG Datasheet PDF - Optoway Technology Inc

Part # SPS-9380VW-2RG
Download  SPS-9380VW-2RG Click to download

File Size   120.75 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter

SPS-9380VW-2RG Datasheet (HTML) - Optoway Technology Inc


SPS-9380VW-2RG Product details

DESCRIPTION
The SPS-9310VW-CXXCYYG is a dual channel optical single mode transmitter module designed to transmit optical serial digital signals as defined in SMPTE 297-2006. It supports from 50 Mbps to 3 Gbps and is specifically designed for transmitted the SMPTE 259M, SMPTE 344M, SMPTE 292M and SMPTE 424M SDI pathological patterns. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I2C. It is with two independent CWDM DFB laser transmitters. There are eighteen center wavelengths available from 1270 nm to 1610 nm, with each step 20 nm.

FEATURES
● SMPTE 297-2006 Compatible
● Speed from 50 Mbps to 3 Gbps
● Support Video Pathological Patterns for SD-SDI, HD-SDI and 3G-SDI
● Dual CWDM Transmitter: 1270 nm to 1610 nm
● Based on Industry Standard SFP
● SFF-8472 Digital Diagnostic Function
● Two Independent TTL Laser Disable Input
● Single +3.3 V Power Supply
● RoHS-6 Compliant
● 0 to 70oC Operation
● Hot Pluggable
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● SMPTE 297-2006 Compliant Electrical-to-Optical Interfaces
● High-density Video Routers




Similar Part No. - SPS-9380VW-2RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9380VW-2RG OPTOWAY-SPS-9380VW-2RG Datasheet
139Kb / 5P
1260 to 1620 nm / 3 Gb/s Dual Optical SM Digital Diagnostic Receiver
SPS-9380VW-2RG OPTOWAY-SPS-9380VW-2RG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9380VW-2RG OPTOWAY-SPS-9380VW-2RG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9380VW-2RG OPTOWAY-SPS-9380VW-2RG Datasheet
142Kb / 5P
1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9380VW-2RG OPTOWAY-SPS-9380VW-2RG Datasheet
117Kb / 5P
1550 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
More results


Similar Description - SPS-9380VW-2RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9130VW-1T1RG OPTOWAY-SPS-9130VW-1T1RG Datasheet
151Kb / 6P
1310 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-9130VW-1TG OPTOWAY-SPS-9130VW-1TG Datasheet
142Kb / 5P
1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9350VW-1T1RG OPTOWAY-SPS-9350VW-1T1RG Datasheet
151Kb / 6P
1550 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-93120VW-1TG OPTOWAY-SPS-93120VW-1TG Datasheet
143Kb / 5P
1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9110VW-1TG OPTOWAY-SPS-9110VW-1TG Datasheet
142Kb / 5P
1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9330VW-CXXCYYG OPTOWAY-SPS-9330VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9350VW-CXXCYYG OPTOWAY-SPS-9350VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9380VW-CXXCYYG OPTOWAY-SPS-9380VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9380VW-CXXCYYG_2015 OPTOWAY-SPS-9380VW-CXXCYYG_2015 Datasheet
120Kb / 5P
3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9380VW-CXXCYYG OPTOWAY-SPS-9380VW-CXXCYYG_15 Datasheet
120Kb / 5P
3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com