Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008902-001SMB Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-008902-001SMB Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-008902-001SMB
Download  MASW-008902-001SMB Download
File Size   308.44 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Bumped GaAs SP3T Switch for WLAN

MASW-008902-001SMB Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-008902-001SMB Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-008902-001SMB
Download  MASW-008902-001SMB Click to download

File Size   308.44 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Bumped GaAs SP3T Switch for WLAN

MASW-008902-001SMB Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-008902-001SMB Product details

Description
The MASW-008902-000DIE is a bumped single band GaAs pHEMT MMIC SP3T switch. Typical applications are for single band 2.4 GHz WLAN (802.11 b/g) and Bluetooth applications.

Features
• 802.11b/g and Bluetooth Applications
• Insertion Loss: 0.60 dB typical
• Isolation:
    31 dB typical (RX Path)
    22 dB typical (TX / BT paths)
• Flip-chip configuration
• RoHS* Compliant




Similar Part No. - MASW-008902-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008902-001SMB MA-COM-MASW-008902-001SMB Datasheet
244Kb / 5P
Bumped GaAs SP3T Switch for WLAN 2.4 - 2.5 GHz
More results


Similar Description - MASW-008902-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008902-000DIE MA-COM-MASW-008902-000DIE Datasheet
244Kb / 5P
Bumped GaAs SP3T Switch for WLAN 2.4 - 2.5 GHz
MASW-009276-000DIE MA-COM-MASW-009276-000DIE Datasheet
241Kb / 5P
Bumped GaAs SP3T Switch for WLAN 1.0 - 4.0 GHz
MASW-009276-000DIE_V2 MA-COM-MASW-009276-000DIE_V2 Datasheet
275Kb / 5P
Bumped GaAs SP3T Switch for WLAN
MASW-009590 MA-COM-MASW-009590 Datasheet
227Kb / 4P
Bumped GaAs SPDT Switch
MASW-008902-000DIE MA-COM-MASW-008902-000DIE Datasheet
308Kb / 5P
Bumped GaAs SP3T Switch for WLAN
MASW-009276-001DIE MA-COM-MASW-009276-001DIE Datasheet
290Kb / 5P
Bumped GaAs SP3T Switch
MASW-009590 MA-COM-MASW-009590 Datasheet
227Kb / 4P
Bumped GaAs SPDT Switch
MASW-008902-000DIE MA-COM-MASW-008902-000DIE_15 Datasheet
308Kb / 5P
Bumped GaAs SP3T Switch
logo
TriQuint Semiconductor
TQP879001A TRIQUINT-TQP879001A_15 Datasheet
169Kb / 1P
2.4GHz WLAN LNA SP3T Switch
logo
M/A-COM Technology Solu...
MASW-009276-001DIE MA-COM-MASW-009276-001DIE_15 Datasheet
889Kb / 6P
Bumped GaAs SP3T Switch for WLAN 1.0 - 4.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com