Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB25W05T Datasheet (PDF) - Sanyo Semicon Device

SB25W05T Datasheet PDF - Sanyo Semicon Device
Part # SB25W05T
Download  SB25W05T Download
File Size   84.97 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 2.5A Rectifier

SB25W05T Datasheet (PDF)

Go To PDF Page Download Datasheet
SB25W05T Datasheet PDF - Sanyo Semicon Device

Part # SB25W05T
Download  SB25W05T Click to download

File Size   84.97 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 2.5A Rectifier

SB25W05T Datasheet (HTML) - Sanyo Semicon Device


SB25W05T Product details

50V, 2.5A Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=20ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB25W05T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SB25 TSC-SB25 Datasheet
71Kb / 2P
High Current 15 25 35 AMPS Single Phase Bridge Rectifiers
logo
Gulf Semiconductor
SB25 GULFSEMI-SB25 Datasheet
131Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB25 GULFSEMI-SB25 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 to 100V CURRENT: 2.0A
logo
List of Unclassifed Man...
SB25 ETC2-SB25 Datasheet
115Kb / 3P
Low/Medium Capacity Pushbuttons
logo
Gulf Semiconductor
SB25-A GULFSEMI-SB25-A Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
More results


Similar Description - SB25W05T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1142 SANYO-2SB1142 Datasheet
129Kb / 4P
50V/2.5A High-Speed Switching Applications
logo
List of Unclassifed Man...
TF251 ETC2-TF251 Datasheet
123Kb / 4P
2.5A Fast Recovery Rectifier
logo
TAITRON Components Inco...
RL251 TAITRON-RL251 Datasheet
155Kb / 6P
2.5A General Purpose Silicon Rectifier
RL251M TAITRON-RL251M Datasheet
174Kb / 4P
2.5A General Purpose Silicon Rectifier
TF251 TAITRON-TF251 Datasheet
124Kb / 4P
2.5A Fast Recovery Rectifier
logo
Monolithic Power System...
MP2565 MPS-MP2565 Datasheet
535Kb / 20P
2.5A, 4MHz, 50V Step-Down Converter
logo
Zibo Seno Electronic En...
RL251 ZSELEC-RL251 Datasheet
112Kb / 2P
2.5A SILICON RECTIFIER
RL251G ZSELEC-RL251G Datasheet
88Kb / 2P
2.5A GLASS PASSIV ATED RECTIFIER
HER251 ZSELEC-HER251 Datasheet
109Kb / 2P
2.5A HIGH EFFICIENCY RECTIFIER
DBF2505 ZSELEC-DBF2505 Datasheet
162Kb / 2P
2.5A GLASS PASSIVATED BRIDGE RECTIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com