Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-73180G Datasheet (PDF) - Optoway Technology Inc

SPS-73180G Datasheet PDF - Optoway Technology Inc
Part # SPS-73180G
Download  SPS-73180G Download
File Size   146.82 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-73180G Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-73180G Datasheet PDF - Optoway Technology Inc

Part # SPS-73180G
Download  SPS-73180G Click to download

File Size   146.82 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-73180G Datasheet (HTML) - Optoway Technology Inc


SPS-73180G Product details

DESCRIPTION
The SPS-73180G series single mode transceivers is small form factor pluggable module for bi-directional serial optical data communications such as Gigabit Ethernet 1000BASE-ZX and Fibre Channel 1x SM-LC-L FC-PI. It is with the SFP 20-pin connector to allow hot plug capability. This module is designed for single mode fiber and operates at a nominal wavelength of 1550 nm.

FEATURES
● Hot-Pluggable SFP Footprint LC Optical Transceiver
● Small Form-Factor Pluggable (SFP) MSA compatible
● Compliant with IEEE 802.3z Gigabit Ethernet
● Compliant with Fibre Channel 1X SM-LC-L FC-PI
● 1550 nm DFB LD Transmitter
● APD High Sensitivity Receiver
● 39 dB Power Budget at Least
● Distance up to 180 km
● AC/AC Coupling according to MSA
● Single +3.3 V Power Supply
● RoHS Compliant
● 0 to 70°C Operation
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● Gigabit Ethernet Switches and Routers
● Fibre Channel Switch Infrastructure
● XDSL Applications
● Metro Edge Switching




Similar Part No. - SPS-73180G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-73180G OPTOWAY-SPS-73180G_15 Datasheet
146Kb / 5P
1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73180G_2015 OPTOWAY-SPS-73180G_2015 Datasheet
146Kb / 5P
1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Similar Description - SPS-73180G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7350G OPTOWAY-SPS-7350G Datasheet
148Kb / 4P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380G OPTOWAY-SPS-7380G Datasheet
149Kb / 4P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73120G OPTOWAY-SPS-73120G Datasheet
148Kb / 4P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73160G OPTOWAY-SPS-73160G Datasheet
148Kb / 4P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7350G OPTOWAY-SPS-7350G_08 Datasheet
148Kb / 5P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380G OPTOWAY-SPS-7380G_08 Datasheet
148Kb / 5P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73120G OPTOWAY-SPS-73120G_08 Datasheet
147Kb / 5P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73120WG OPTOWAY-SPS-73120WG_08 Datasheet
148Kb / 5P
3.3V / 1550 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-73160G OPTOWAY-SPS-73160G_08 Datasheet
147Kb / 5P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73200G OPTOWAY-SPS-73200G Datasheet
146Kb / 5P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com