Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBE002 Datasheet (PDF) - Sanyo Semicon Device

SBE002 Datasheet PDF - Sanyo Semicon Device
Part # SBE002
Download  SBE002 Download
File Size   35.69 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 1A Rectifier

SBE002 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBE002 Datasheet PDF - Sanyo Semicon Device

Part # SBE002
Download  SBE002 Click to download

File Size   35.69 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 1A Rectifier

SBE002 Datasheet (HTML) - Sanyo Semicon Device


SBE002 Product details

50V, 1A Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=10ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.
• Ultrasmall package, permitting SBE002-applied sets to be compact and slim (mounting height 0.9mm).
• Large allowable power dissipation.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBE002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBE002 ONSEMI-SBE002 Datasheet
726Kb / 4P
Schottky Barrier Diode
June, 2014
SBE002-TL-E ONSEMI-SBE002-TL-E Datasheet
726Kb / 4P
Schottky Barrier Diode
June, 2014
SBE002-TL-W ONSEMI-SBE002-TL-W Datasheet
726Kb / 4P
Schottky Barrier Diode
June, 2014
More results


Similar Description - SBE002

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-05 SANYO-SB10-05 Datasheet
57Kb / 2P
50V, 1A Rectifier
SB10-05PCP SANYO-SB10-05PCP Datasheet
65Kb / 2P
50V, 1A Rectifier
SB10-09F SANYO-SB10-09F Datasheet
81Kb / 3P
50V, 1A Rectifier
SB10W05P SANYO-SB10W05P Datasheet
72Kb / 2P
50V, 1A Rectifier
SB10W05T SANYO-SB10W05T Datasheet
85Kb / 3P
50V, 1A Rectifier
SB10W05V SANYO-SB10W05V Datasheet
72Kb / 2P
50V, 1A Rectifier
SB10W05Z SANYO-SB10W05Z Datasheet
88Kb / 2P
50V, 1A Rectifier
SB10-05P SANYO-SB10-05P_07 Datasheet
65Kb / 3P
50V, 1A Rectifier
logo
Taiwan Semiconductor Co...
1N4001G-K TSC-1N4001G-K Datasheet
391Kb / 5P
1A, 50V - 1000V Standard Rectifier
logo
Silicon Supplies
1N4001 SS-1N4001 Datasheet
191Kb / 2P
50V 1A Standard Rectifier
Rev 1.0 25/08/23
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com