Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWM100-01X1 Datasheet (PDF) - IXYS Corporation

GWM100-01X1 Datasheet PDF - IXYS Corporation
Part # GWM100-01X1
Download  GWM100-01X1 Download
File Size   324.28 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Three phase full Bridge with Trench MOSFETs in DCB isolated high current package

GWM100-01X1 Datasheet (PDF)

Go To PDF Page Download Datasheet
GWM100-01X1 Datasheet PDF - IXYS Corporation

Part # GWM100-01X1
Download  GWM100-01X1 Click to download

File Size   324.28 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Three phase full Bridge with Trench MOSFETs in DCB isolated high current package

GWM100-01X1 Datasheet (HTML) - IXYS Corporation


GWM100-01X1 Product details

Three phase full Bridge with Trench MOSFETs in DCB isolated high current package

Features
• MOSFETs in trench technology:
   - low RDSon
   - optimized intrinsic reverse diode
• package:
   - high level of integration
   - high current capability 300 A max.
   - aux. terminals for MOSFET control
   - terminals for soldering or welding
      connections
   - isolated DCB ceramic base plate
      with optimized heat transfer
• Space and weight savings

Applications
AC drives
• in automobiles
   - electric power steering
   - starter generator
• in industrial vehicles
   - propulsion drives
   - fork lift drives
• in battery supplied equipment

Package options
• 2 lead frames available
   - straight leads (SL)
   - SMD lead version (SMD)




Similar Part No. - GWM100-01X1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
GWM100-01X1-SL IXYS-GWM100-01X1-SL Datasheet
649Kb / 6P
Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GWM100-01X1-SMD IXYS-GWM100-01X1-SMD Datasheet
649Kb / 6P
Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
More results


Similar Description - GWM100-01X1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
GWM70-01P2 IXYS-GWM70-01P2 Datasheet
68Kb / 2P
Three phase full bridge with Trench MOSFETs in DCB isolated high current package
GWM120-0075P3 IXYS-GWM120-0075P3 Datasheet
80Kb / 3P
Three phase full bridge with Trench MOSFETs in DCB isolated high current package
GMM3X120-0075X2 IXYS-GMM3X120-0075X2 Datasheet
195Kb / 4P
Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GMM3X180-004X2 IXYS-GMM3X180-004X2 Datasheet
299Kb / 7P
Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GWM120-0075X1 IXYS-GWM120-0075X1 Datasheet
326Kb / 6P
Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GWM180-004X2 IXYS-GWM180-004X2 Datasheet
322Kb / 6P
Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GWM100-01X1-SL IXYS-GWM100-01X1-SL Datasheet
649Kb / 6P
Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
MTC120WX55GD IXYS-MTC120WX55GD Datasheet
207Kb / 4P
Three phase full Bridge with Trench MOSFETs in DCB-isolated high-current package
MTC120WX75GD IXYS-MTC120WX75GD Datasheet
207Kb / 4P
Three phase full Bridge with Trench MOSFETs in DCB-isolated high-current package
MTI200WX75GD IXYS-MTI200WX75GD Datasheet
338Kb / 7P
Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com