Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN1577AMX Datasheet (PDF) - Fairchild Semiconductor

FAN1577AMX Datasheet PDF - Fairchild Semiconductor
Part # FAN1577AMX
Download  FAN1577AMX Download
File Size   1642.74 Kbytes
Page   15 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Synchronous DC/DC Controller

FAN1577AMX Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN1577AMX Datasheet PDF - Fairchild Semiconductor

Part # FAN1577AMX
Download  FAN1577AMX Click to download

File Size   1642.74 Kbytes
Page   15 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Synchronous DC/DC Controller

FAN1577AMX Datasheet (HTML) - Fairchild Semiconductor


FAN1577AMX Product details

Description
The FAN1577A is a high-efficiency, voltage-mode, dualchannel, synchronous DC/DC PWM controller for two independent outputs. The two channels are operated out of phase. The internal reference voltage is trimmed to 0.7V±1.0%. It is connected to the error amplifier’s positive terminal for voltage feedback regulation.

Features
■ Integrates Two Sets of MOSFET Drivers
■ Two Independent PWM Controllers
■ Constant Frequency Operation: Free-running Fixed-Frequency Oscillator Programmable: 61kHz to 340kHz
■ Maximum Input Supply Voltage: 15V
■ Programmable Output as Low as 0.7V
■ Internal Error Amplifier Reference Voltage: 0.7V ±1.0%
■ Two Soft-Start / EN Function Pins
■ Programmable Over-Current Protection (OCP)
■ 30V HIGH Voltage Pin for Bootstrap Voltage
■ Output Over-Voltage Protection (OVP)
■ 20-Pin SOP

Applications
■ CPU and GPU Vcore Power Supply
■ Power Supply Requiring Two Independent Outputs




Similar Part No. - FAN1577AMX

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FAN150AC115 HAMMOND-FAN150AC115 Datasheet
68Kb / 1P
VENTILATEURS AXIAUX A ENVELOPPE
FAN150AC115 HAMMOND-FAN150AC115 Datasheet
185Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
FAN150AC230 HAMMOND-FAN150AC230 Datasheet
68Kb / 1P
VENTILATEURS AXIAUX A ENVELOPPE
FAN150AC230 HAMMOND-FAN150AC230 Datasheet
194Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
More results


Similar Description - FAN1577AMX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9011EKN ROHM-BD9011EKN Datasheet
442Kb / 6P
Dual Synchronous DC/DC converter controller
BD9011KV ROHM-BD9011KV Datasheet
448Kb / 6P
Dual Synchronous DC/DC converter controller
BD9040FV ROHM-BD9040FV Datasheet
356Kb / 6P
Dual Synchronous DC/DC converter controller
BD9045FV ROHM-BD9045FV Datasheet
379Kb / 6P
Dual Synchronous DC/DC converter controller
logo
Fairchild Semiconductor
SG1577 FAIRCHILD-SG1577 Datasheet
653Kb / 14P
Dual Synchronous DC/DC Controller
logo
Semtech Corporation
SC1189 SEMTECH-SC1189_07 Datasheet
276Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A Datasheet
582Kb / 15P
Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_10 Datasheet
863Kb / 15P
Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_12 Datasheet
848Kb / 14P
Dual Synchronous DC/DC Controller
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com