Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFP130N10T Datasheet (PDF) - IXYS Corporation

IXFP130N10T Datasheet PDF - IXYS Corporation
Part # IXFP130N10T
Download  IXFP130N10T Download
File Size   156.44 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description TrenchMV Power MOSFET HiperFET

IXFP130N10T Datasheet (PDF)

Go To PDF Page Download Datasheet
IXFP130N10T Datasheet PDF - IXYS Corporation

Part # IXFP130N10T
Download  IXFP130N10T Click to download

File Size   156.44 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description TrenchMV Power MOSFET HiperFET

IXFP130N10T Datasheet (HTML) - IXYS Corporation


IXFP130N10T Product details

TrenchMV™ Power MOSFET HiperFET™

N-Channel Enhancement Mode
Avalanche Rated
Fast intrisic diode

Features
• Ultra-low On Resistance
• Unclamped Inductive Switching (UIS) rated
• Low package inductance
    - easy to drive and to protect
• 175 °C Operating Temperature
• Fast intrinsic diode

Advantages
• Easy to mount
• Space savings
• High power density

Applications
• Automotive
    - Motor Drives
    - 42V Power Bus
    - ABS Systems
• DC/DC Converters and Off-line UPS
• Primary Switch for 24V and 48V Systems
• Distributed Power Architechtures and VRMs
• Electronic Valve Train Systems
• High Current Switching Applications
• High Voltage Synchronous Recifier




Similar Part No. - IXFP130N10T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFP130N10T ISC-IXFP130N10T Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFP130N10T2 IXYS-IXFP130N10T2 Datasheet
188Kb / 6P
TrenchT2 HiperFET Power MOSFET
logo
Inchange Semiconductor ...
IXFP130N10T2 ISC-IXFP130N10T2 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IXFP130N10T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP44N10T IXYS-IXTP44N10T Datasheet
192Kb / 5P
TrenchMV??Power MOSFET
IXTP182N055T IXYS-IXTP182N055T Datasheet
227Kb / 6P
TrenchMV??Power MOSFET
IXTH240N055T IXYS-IXTH240N055T Datasheet
210Kb / 5P
TrenchMV Power MOSFET
IXTQ250N075T IXYS-IXTQ250N075T Datasheet
209Kb / 5P
TrenchMV Power MOSFET
IXTP240N055T IXYS-IXTP240N055T Datasheet
178Kb / 5P
TrenchMV Power MOSFET
IXTQ200N085T IXYS-IXTQ200N085T Datasheet
211Kb / 5P
TrenchMV Power MOSFET
IXTV200N10T IXYS-IXTV200N10T Datasheet
220Kb / 5P
TrenchMV Power MOSFET
IXTC200N10T IXYS-IXTC200N10T Datasheet
191Kb / 5P
TrenchMV Power MOSFET
IXTC220N055T IXYS-IXTC220N055T Datasheet
192Kb / 5P
TrenchMV Power MOSFET
IXTC280N055T IXYS-IXTC280N055T Datasheet
192Kb / 5P
TrenchMV Power MOSFET
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com