Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM3255 Datasheet (PDF) - Sanyo Semicon Device

SPM3255 Datasheet PDF - Sanyo Semicon Device
Part # SPM3255
Download  SPM3255 Download
File Size   30.06 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single Power Supply Operation RF Switch MMIC

SPM3255 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPM3255 Datasheet PDF - Sanyo Semicon Device

Part # SPM3255
Download  SPM3255 Click to download

File Size   30.06 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single Power Supply Operation RF Switch MMIC

SPM3255 Datasheet (HTML) - Sanyo Semicon Device


SPM3255 Product details

Features
• Control voltage +3 / 0V.
• Mini molded package.
• Low insertion loss, high linearity.




Similar Part No. - SPM3255

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3252 SANYO-SPM3252 Datasheet
18Kb / 3P
SPDT Switch
More results


Similar Description - SPM3255

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3214 SANYO-SPM3214 Datasheet
15Kb / 3P
RF Switch MMIC
SPM3216 SANYO-SPM3216 Datasheet
17Kb / 3P
Wide-Band Switch MMIC Operating with Single Power Supply
SPM3204 SANYO-SPM3204 Datasheet
24Kb / 3P
RF Switch MMIC
logo
Macronix International
MX25L1605A MCNIX-MX25L1605A Datasheet
973Kb / 43P
Single Power Supply Operation
logo
Integrated Silicon Solu...
IS29LV032T ISSI-IS29LV032T Datasheet
916Kb / 47P
Single power supply operation
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
Operation with single 5V supply
logo
Maxim Integrated Produc...
MAX3273EVKIT MAXIM-MAX3273EVKIT Datasheet
689Kb / 11P
Single 3.3V Power-Supply Operation
Rev 0; 9/01
MAX4313EVKIT MAXIM-MAX4313EVKIT Datasheet
112Kb / 4P
Single-Supply Operation
Rev 1; 4/99
MAX7474EVKIT MAXIM-MAX7474EVKIT Datasheet
129Kb / 6P
Single 5V DC Power-Supply Operation
Rev 0; 2/08
MAX11504EVKIT MAXIM-MAX11504EVKIT Datasheet
170Kb / 7P
Single 5V Supply Operation
Rev 0; 2/08
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com