Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19-337-R6GHBHC-A01-2T Datasheet (PDF) - Everlight Electronics Co., Ltd

19-337-R6GHBHC-A01-2T Datasheet PDF - Everlight Electronics Co., Ltd
Part # 19-337-R6GHBHC-A01-2T
Download  19-337-R6GHBHC-A01-2T Download
File Size   268.15 Kbytes
Page   12 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description 0.35mm Height Chip LED with Full Color

19-337-R6GHBHC-A01-2T Datasheet (PDF)

Go To PDF Page Download Datasheet
19-337-R6GHBHC-A01-2T Datasheet PDF - Everlight Electronics Co., Ltd

Part # 19-337-R6GHBHC-A01-2T
Download  19-337-R6GHBHC-A01-2T Click to download

File Size   268.15 Kbytes
Page   12 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description 0.35mm Height Chip LED with Full Color

19-337-R6GHBHC-A01-2T Datasheet (HTML) - Everlight Electronics Co., Ltd


19-337-R6GHBHC-A01-2T Product details

Descriptions
• The 19-337 SMD LED is much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
• Besides, lightweight makes them ideal for miniature applications. etc.

Features
• Package in 8mm tape on 7〞diameter reel.
• Compatible with automatic placement equipment.
• Compatible with infrared and vapor phase reflow solder process.
• Full-color type.
• Pb-free
• The product itself will remain within RoHS compliant version.

Applications
• Backlighting in dashboard and switch.
• Telecommunication: indicator and backlighting in telephone and fax.
• Flat backlight for LCD, switch and symbol.
• General use.




Similar Part No. - 19-337-R6GHBHC-A01-2T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
19-337-R6GHBHC-A01-2T TO-GRACE-19-337-R6GHBHC-A01-2T Datasheet
906Kb / 12P
0.35mm Height Chip LED with Full Color
More results


Similar Description - 19-337-R6GHBHC-A01-2T

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSTKGBBCR9 OPTEK-OVSTKGBBCR9 Datasheet
804Kb / 6P
Full Color .35mm Height Chip LED
logo
Everlight Electronics C...
R6GHBHC-A01 EVERLIGHT-R6GHBHC-A01 Datasheet
198Kb / 12P
0.5mm Height Chip LED with Full Color
19-237-R6GHBHC-A01 EVERLIGHT-19-237-R6GHBHC-A01 Datasheet
217Kb / 12P
0.35mm Height Chip LED with Full Color
07-26-2005
S2GHBHC-A01 EVERLIGHT-S2GHBHC-A01 Datasheet
221Kb / 12P
0.35mm Height Chip LED with Full Color
07-26-2005
19-337-R6GHBHC-A01 EVERLIGHT-19-337-R6GHBHC-A01 Datasheet
218Kb / 12P
0.35mm Height Chip LED with Full Color
12-337-S2GHBHC-A01 EVERLIGHT-12-337-S2GHBHC-A01 Datasheet
236Kb / 12P
0.35mm Height Chip LED with Full Color
19-137-R6GHBHC-A01-2T EVERLIGHT-19-137-R6GHBHC-A01-2T Datasheet
279Kb / 12P
0.5mm Height Chip LED with Full Color
19-237-R6GHBHC-A01-2T EVERLIGHT-19-237-R6GHBHC-A01-2T Datasheet
217Kb / 12P
0.35mm Height Chip LED with Full Color
logo
HK TO-GRACE TECHNOLOGY ...
19-137-R6GHBHC-A01-2T TO-GRACE-19-137-R6GHBHC-A01-2T Datasheet
1Mb / 12P
0.5mm Height Chip LED with Full Color
19-337-R6GHBHC-A01-2T TO-GRACE-19-337-R6GHBHC-A01-2T Datasheet
906Kb / 12P
0.35mm Height Chip LED with Full Color
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com